Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 71 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 67Page - Texas Instruments TMS320DM814x Datasheet HTML 68Page - Texas Instruments TMS320DM814x Datasheet HTML 69Page - Texas Instruments TMS320DM814x Datasheet HTML 70Page - Texas Instruments TMS320DM814x Datasheet HTML 71Page - Texas Instruments TMS320DM814x Datasheet HTML 72Page - Texas Instruments TMS320DM814x Datasheet HTML 73Page - Texas Instruments TMS320DM814x Datasheet HTML 74Page - Texas Instruments TMS320DM814x Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
3.2.7
General-Purpose Input/Outputs (GPIOs)
Table 3-10. GP0 Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
GPIO0
Note: General-Purpose Input/Output (I/O) pins can also serve as external interrupt inputs.
UART2
UART2_TXD/
IPD
U3
I/O
PINCNTL61
General-Purpose Input/Output (I/O) 0 [GP0] pin 31
GP0[31]
DVDD
DSIS: PIN
TCLKIN
TCLKIN/
IPD
T2
I/O
PINCNTL60
General-Purpose Input/Output (I/O) 0 [GP0] pin 30
GP0[30]
DVDD
DSIS: PIN
UART2
UART2_RXD/
IPD
U4
I/O
PINCNTL59
General-Purpose Input/Output (I/O) 0 [GP0] pin 29
GP0[29]
DVDD
DSIS: PIN
MCA[5], MCA[4],
MCA[5]_AXR[1]/
TIMER7
MCA[4]_AXR[3]/
IPD
L6
I/O
PINCNTL58
TIM7_IO/
DVDD
DSIS: PIN
GP0[28]
MM: MUX1
General-Purpose Input/Output (I/O) 0 [GP0] pin 28
VOUT[1]_FLD/
VOUT[1],
CAM_FLD/
CAMERA_I/F,
CAM_WE/
IPD
GPMC, UART2
AB23
I/O
GPMC_A[11]/
DVDD_C
PINCNTL174
UART2_CTS/
DSIS: PIN
GP0[28]
MM: MUX0
MCA[5], MCA[4]
MCA[5]_AXR[0]/
IPD
PINCNTL57
MCA[4]_AXR[2]/
L7
I/O
DVDD
DSIS: PIN
GP0[27]
MM: MUX1
VOUT[1],
General-Purpose Input/Output (I/O) 0 [GP0] pin 27
VOUT[1]_B_CB_C[0]/
CAMERA_I/F,
CAM_VS/
IPU
GPMC, UART2
GPMC_A[10]/
AD23
I/O
DVDD_C
PINCNTL173
UART2_TXD/
DSIS: PIN
GP0[27]
MM: MUX0
MCA[5]
MCA[5]_AFSX/
IPD
PINCNTL56
H5
I/O
GP0[26]
DVDD
DSIS: PIN
MM: MUX1
VOUT[1],
General-Purpose Input/Output (I/O) 0 [GP0] pin 26
VOUT[1]_B_CB_C[1]/
CAMERA_I/F,
CAM_HS/
IPD
GPMC, UART2
GPMC_A[9]/
AE23
I/O
DVDD_C
PINCNTL172
UART2_RXD/
DSIS: PIN
GP0[26]
MM: MUX0
MCA[5]
MCA[5]_ACLKX/
IPD
PINCNTL55
J3
I/O
GP0[25]
DVDD
DSIS: PIN
MM: MUX1
VOUT[1],
General-Purpose Input/Output (I/O) 0 [GP0] pin 25
VOUT[1]_R_CR[0]/
CAMERA_I/F,
CAM_D[0]/
IPD
GPMC, UART4
GPMC_A[8]/
AA22
I/O
DVDD_C
PINCNTL171
UART4_RTS/
DSIS: PIN
GP0[25]
MM: MUX0
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
71
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com