Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 45 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 41Page - Texas Instruments TMS320DM814x Datasheet HTML 42Page - Texas Instruments TMS320DM814x Datasheet HTML 43Page - Texas Instruments TMS320DM814x Datasheet HTML 44Page - Texas Instruments TMS320DM814x Datasheet HTML 45Page - Texas Instruments TMS320DM814x Datasheet HTML 46Page - Texas Instruments TMS320DM814x Datasheet HTML 47Page - Texas Instruments TMS320DM814x Datasheet HTML 48Page - Texas Instruments TMS320DM814x Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 3-1. Boot Configuration Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
XIP (NOR) on GPMC Configuration. This pin is
multiplexed between ARM Cortex-A8 boot mode and
General-Purpose Memory Controller (GPMC) peripheral
functions. At reset, when the XIP (MUX0), XIP (MUX1),
XIP w/ WAiT (MUX0) or XIP w/ WAiT (MUX1) bootmode
is selected (see Table 4-1), BTMODE[10] is sampled to
GPMC
select between GPMC pin muxing options A or B shown
GPMC_D[10]/
DIS
Y26
I
PINCNTL99
in Table 4-2, XIP (on GPMC) Boot Options [Muxed or
BTMODE[10]
DVDD_GPMC
DSIS: PIN
Non-Muxed].
•
0 = GPMC Option A
•
1 = GPMC Option B
After reset, this pin functions as GPMC multiplexed
data/address pin 10 (GPMC_D[10]).
GPMC
Ethernet PHY Configuration. These pins are multiplexed
GPMC_D[9]/
DIS
AB28
I
PINCNTL98
between ARM Cortex-A8 boot mode and General-
BTMODE[9]
DVDD_GPMC
DSIS: PIN
Purpose Memory Controller (GPMC) peripheral functions.
At reset, when EMAC bootmode is selected (see Table 4-
1), BTMODE[9:8] pins are sampled to determine the
function of the Ethernet PHY Mode selection.
•
00 = MII (GMII)
•
01 = RMII
•
10 = RGMII
GPMC
GPMC_D[8]/
DIS
•
11 = Reserved
Y27
I
PINCNTL97
BTMODE[8]
DVDD_GPMC
DSIS: PIN
For more detailed information on the EMAC PHY boot
modes and the EMAC pin functions selected, see
Section 4.2.6, Ethernet PHY Mode Selection.
After reset, these pins function as GPMC multiplexed
data/address pins 9 and 8 (GPMC_D[9] and
GPMC_D[8]).
GPMC
GPMC_D[7]/
DIS
Reserved Boot Pins. These pins are multiplexed between
V25
I
PINCNTL96
BTMODE[7]
DVDD_GPMC
ARM Cortex-A8 boot mode and General-Purpose
DSIS: PIN
Memory Controller (GPMC) peripheral functions.
GPMC
GPMC_D[6]/
DIS
U25
I
PINCNTL95
For proper device operation at reset, these pins should
BTMODE[6]
DVDD_GPMC
DSIS: PIN
be externally pulled low.
GPMC
After reset, these pins function as GPMC multiplexed
GPMC_D[5]/
DIS
AA28
I
PINCNTL94
data/address pins 10 through 5 (GPMC_D[7:5]).
BTMODE[5]
DVDD_GPMC
DSIS: PIN
GPMC
GPMC_D[4]/
DIS
ARM Cortex-A8 Boot Mode Configuration Bits. These
V26
I
PINCNTL93
BTMODE[4]
DVDD_GPMC
pins are multiplexed between ARM Cortex-A8 boot mode
DSIS: PIN
and the General-Purpose Memory Controller (GPMC)
GPMC
peripheral functions.
GPMC_D[3]/
DIS
W27
I
PINCNTL92
BTMODE[3]
DVDD_GPMC
At reset, the boot mode inputs BTMODE[4:0] are
DSIS: PIN
sampled to determine the ARM boot configuration. For
GPMC
GPMC_D[2]/
DIS
more details on the types of boot modes supported, see
V27
I
PINCNTL91
BTMODE[2]
DVDD_GPMC
Section 4.2, Boot Modes, of this document, along with
DSIS: PIN
the TMS320DM814x ROM Code Memory and Peripheral
GPMC
Booting chapter of the TMS320DM814x DaVinci™ Digital
GPMC_D[1]/
DIS
Y28
I
PINCNTL90
Media Processors Technical Reference Manual
BTMODE[1]
DVDD_GPMC
DSIS: PIN
(Literature Number: SPRUGZ8).
GPMC
After reset, these pins function as GPMC multiplexed
GPMC_D[0]/
DIS
U26
I
PINCNTL89
data/address pins 4 through 0 (GPMC_D[4:0]).
BTMODE[0]
DVDD_GPMC
DSIS: PIN
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
45
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com