Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 83 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 79Page - Texas Instruments TMS320DM814x Datasheet HTML 80Page - Texas Instruments TMS320DM814x Datasheet HTML 81Page - Texas Instruments TMS320DM814x Datasheet HTML 82Page - Texas Instruments TMS320DM814x Datasheet HTML 83Page - Texas Instruments TMS320DM814x Datasheet HTML 84Page - Texas Instruments TMS320DM814x Datasheet HTML 85Page - Texas Instruments TMS320DM814x Datasheet HTML 86Page - Texas Instruments TMS320DM814x Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 3-13. GP3 Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
GPIO3
Note: General-Purpose Input/Output (I/O) pins can also serve as external interrupt inputs.
CLKIN32,
CLKIN32/
CLKOUT0,
CLKOUT0/
IPD
J7
I/O
TIMER3
General-Purpose Input/Output (I/O) 3 [GP3] pin 31.
TIM3_IO/
DVDD
PINCNTL259
GP3[31]
DSIS: PIN
VOUT[1]_B_CB_C[2]/
VOUT[1], GPMC,
GPMC_A[0]/
VIN[1]A, HDMI,
VIN[1]A_D[7]/
IPU
SPI[2]
AF28
I/O
HDMI_CEC/
DVDD
PINCNTL231
SPI[2]_D[0]/
DSIS: PIN
GP3[30]
MM: MUX1
General-Purpose Input/Output (I/O) 3 [GP3] pin 30.
EMAC[0]_MRXD[2]/
EMAC[0], VIN[1]B
EMAC[0]_RGRXD[1]/
IPD
PINCNTL242
VIN[1]B_D[7]/
R23
I/O
DVDD_GPMC
DSIS: PIN
EMAC[0]_RMTXEN/
MM: MUX0
GP3[30]
EMAC[0]_MRXD[1]/
EMAC[0]_RGRXD[0]/
EMAC[0], VIN[1]B
IPD
VIN[1]B_D[6]/
P23
I/O
PINCNTL241
General-Purpose Input/Output (I/O) 3 [GP3] pin 29.
DVDD_GPMC
EMAC[0]_RMTXD[1]/
DSIS: PIN
GP3[29]
EMAC[0]_MRXD[0]/
EMAC[0]_RGTXD[0]/
EMAC[0], VIN[1]B
IPD
VIN[1]B_D[5]/
G28
I/O
PINCNTL240
General-Purpose Input/Output (I/O) 3 [GP3] pin 28.
DVDD_GPMC
EMAC[0]_RMTXD[0]/
DSIS: PIN
GP3[28]
EMAC[0]_MRCLK/
EMAC[0]_RGTXC/
EMAC[0], VIN[1]B,
VIN[1]B_D[4]/
IPD
SPI[3]
H27
I/O
General-Purpose Input/Output (I/O) 3 [GP3] pin 27.
EMAC[0]_RMCRSDV/
DVDD_GPMC
PINCNTL239
SPI[3]_SCS[2]/
DSIS: PIN
GP3[27]
EMAC[0]_MRXER/
EMAC[0]_RGTXCTL/
EMAC[0], VIN[1]B
IPD
VIN[1]B_D[3]/
J26
I/O
PINCNTL238
General-Purpose Input/Output (I/O) 3 [GP3] pin 26.
DVDD_GPMC
EMAC[0]_RMRXER/
DSIS: PIN
GP3[26]
EMAC[0]_MCRS/
EMAC[0]_RGRXD[2]/
EMAC[0], VIN[1]B
IPD
VIN[1]B_D[2]/
R25
I/O
PINCNTL237
General-Purpose Input/Output (I/O) 3 [GP3] pin 25.
DVDD_GPMC
EMAC[0]_RMRXD[1]/
DSIS: PIN
GP3[25]
EMAC[0]_MCOL/
EMAC[0]_RGRXCTL/
EMAC[0], VIN[1]B
IPD
VIN[1]B_D[1]/
L23
I/O
PINCNTL236
General-Purpose Input/Output (I/O) 3 [GP3] pin 24.
DVDD_GPMC
EMAC[0]_RMRXD[0]/
DSIS: PIN
GP3[24]
EMAC[0]_MTCLK/
EMAC[0]_RGRXC/
EMAC[0], VIN[1]B,
VIN[1]B_D[0]/
IPD
SPI[3], I2C[2]
L24
I/O
General-Purpose Input/Output (I/O) 3 [GP3] pin 23.
SPI[3]_SCS[3]/
DVDD_GPMC
PINCNTL235
I2C[2]_SDA/
DSIS: PIN
GP3[23]
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
83
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com