Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 96 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 96 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 92Page - Texas Instruments TMS320DM814x Datasheet HTML 93Page - Texas Instruments TMS320DM814x Datasheet HTML 94Page - Texas Instruments TMS320DM814x Datasheet HTML 95Page - Texas Instruments TMS320DM814x Datasheet HTML 96Page - Texas Instruments TMS320DM814x Datasheet HTML 97Page - Texas Instruments TMS320DM814x Datasheet HTML 98Page - Texas Instruments TMS320DM814x Datasheet HTML 99Page - Texas Instruments TMS320DM814x Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
3.2.10 I2C
Table 3-16. I2C Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
I2C[0]
–
I2C[0] Clock I/O. For proper device operation,
I2C[0]_SCL
AC4
I/O
DVDD
PINCNTL263
this pin must be pulled up via external resistor.
–
I2C[0] Data I/O. For proper device operation,
I2C[0]_SDA
AB6
I/O
DVDD
PINCNTL264
this pin must be pulled up via external resistor.
I2C[1]
HDMI
I2C[1] Clock I/O. For proper device operation in
I2C[1]_SCL/
AF24
I/O
DVDD
PINCNTL78
I2C mode, this pin must be pulled up via
HDMI_SCL
DSIS: 1
external resistor.
HDMI
I2C[1] Data I/O. For proper device operation in
I2C[1]_SDA/
AG24
I/O
DVDD
PINCNTL79
I2C mode, this pin must be pulled up via
HDMI_SDA
DSIS: 1
external resistor.
I2C[2]
VIN[0]A_FLD/
VIN[0]A, VIN[0]B,UART5,
VIN[0]B_VSYNC/
GP2
IPU
UART5_RXD/
AA20
I/O
PINCNTL136
DVDD
I2C[2]_SCL/
DSIS: 1
GP2[1]
MM: MUX3
VOUT[1]_G_Y_YC[2]/
GPMC_A[13]/
VOUT[1], GPMC, VIN[1]A,
VIN[1]A_D[21]/
HDMI, SPI[2], GP3
IPU
HDMI_SCL/
AF27
I/O
PINCNTL228
DVDD
SPI[2]_SCS[2]/
DSIS: 1
I2C[2] Clock I/O. For proper device operation in
I2C[2]_SCL/
MM: MUX2
I2C mode, this pin must be pulled up via
GP3[20]
external resistor.
VIN[0]A_D[16]/
VIN[0]A, CAM I/F, GP0
CAM_D[8]/
IPU
PINCNTL156
AA21
I/O
I2C[2]_SCL/
DVDD_C
DSIS: 1
GP0[10]
MM: MUX1
UART0_DCD/
UART0, UART3, SPI[0],
UART3_RXD/
SD1, GP1
SPI[0]_SCS[3]/
IPU
AH4
I/O
PINCNTL74
I2C[2]_SCL/
DVDD
DSIS: 1
SD1_POW/
MM: MUX0
GP1[2]
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and the Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
96
Device Pins
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com