Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 9Page - Texas Instruments TMS320DM814x Datasheet HTML 10Page - Texas Instruments TMS320DM814x Datasheet HTML 11Page - Texas Instruments TMS320DM814x Datasheet HTML 12Page - Texas Instruments TMS320DM814x Datasheet HTML 13Page - Texas Instruments TMS320DM814x Datasheet HTML 14Page - Texas Instruments TMS320DM814x Datasheet HTML 15Page - Texas Instruments TMS320DM814x Datasheet HTML 16Page - Texas Instruments TMS320DM814x Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 2-2. Characteristics of the Processor (continued)
HARDWARE FEATURES
DM814x
I2C
4 (Master/Slave)
Media Controller
Controls HDVPSS, HDVICP2, and ISS
6 (10/10/4/4/4/4 Serializers, Each with
McASP
Transmit/Receive and DIT capability)
McBSP
1 (2 Data Pins, Transmit/Receive)
Controller Area Network (DCAN)
2
Serial ATA (SATA) 3.0 Gbps
1 (Supports 1 Hard Disk Drive)
RTC
1
GPIO
Up to 128 pins
Parallel Camera Interface (CAM)
1
Spin Lock Module
1 (up to 128 H/W Semaphores)
Mailbox Module
1 (with 12 Mailboxes)
Size (Bytes)
1088KB RAM, 48KB ROM
ARM
32KB I-cache
32KB D-cache
512KB L2 Cache
64KB RAM
On-Chip Memory
Organization
48KB Boot ROM
DSP
32KB L1 Program (L1P)/Cache (up to
32KB) with EDC
32KB L1 Data (L1D)/Cache (up to 32KB)
256KB Unified Mapped RAM/Cache (L2)
with ECC
ADDITIONAL SHARED MEMORY
128KB On-chip RAM
ARM® Cortex™-A8 Main ID Register Variant/Revision
r3p2
CPU ID + CPU Rev
Control Status Register (CSR.[31:16])
0x1401
ID
C674x
Megamodule
Revision ID Register (MM_REVID[15:0])
0x0000
Revision
see Section 8.5.3.1, JTAG ID (JTAGID)
JTAG BSDL ID
DEVICE_ID Register (address location: 0x4814_0600)
Register Description
ARM® Cortex™-A8 1000, 720 MHz
CPU Frequency
MHz
DSP 600 MHz
ARM® Cortex™ -A8 1.0, 1.39 ns
Cycle Time
ns
DSP 1.66 ns
OPP100, OPP120
1.10 V – 1.20 V
Core Logic (V)
Voltage
OPP166
1.35 V
I/O (V)
1.5 V, 1.8 V, 3.3 V
684-Pin BGA (CYE) [with Via Channel
Package
23 x 23 mm [Flip Chip Ball Grid Array (FCBGA)]
Technology]
Process
μm
0.045
μm
Technology
Product Preview (PP),
Product Status(1)
Advance Information (AI),
PD
or Production Data (PD)
(1)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
Copyright © 2011–2013, Texas Instruments Incorporated
Device Overview
13
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com