Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 77 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 77 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 73Page - Texas Instruments TMS320DM814x Datasheet HTML 74Page - Texas Instruments TMS320DM814x Datasheet HTML 75Page - Texas Instruments TMS320DM814x Datasheet HTML 76Page - Texas Instruments TMS320DM814x Datasheet HTML 77Page - Texas Instruments TMS320DM814x Datasheet HTML 78Page - Texas Instruments TMS320DM814x Datasheet HTML 79Page - Texas Instruments TMS320DM814x Datasheet HTML 80Page - Texas Instruments TMS320DM814x Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 3-11. GP1 Terminal Functions (continued)
SIGNAL
OTHER(2)
TYPE(1)
MUXED
DESCRIPTION
(3)
NAME
NO.
SD2_DAT[5]/
SD2, GPMC,
GPMC_A[26]/
IPU
TIMER6
GPMC_A[22]/
P22
I/O
DVDD_GP
General-Purpose Input/Output (I/O) 1 [GP1] pin 21
PINCNTL115
TIM6_IO/
MC
DSIS: PIN
GP1[21]
SD2_DAT[6]/
SD2, GPMC,
GPMC_A[25]/
IPU
UART2
GPMC_A[21]/
N23
I/O
DVDD_GP
General-Purpose Input/Output (I/O) 1 [GP1] pin 20
PINCNTL114
UART2_TXD/
MC
DSIS: PIN
GP1[20]
SD2_DAT[7]/
SD2, GPMC,
GPMC_A[24]/
IPU
UART2
GPMC_A[20]/
L25
I/O
DVDD_GP
General-Purpose Input/Output (I/O) 1 [GP1] pin 19
PINCNTL113
UART2_RXD/
MC
DSIS: PIN
GP1[19]
SPI[1]
SPI[1]_D[1]/
IPU
PINCNTL87
AA3
I/O
GP1[18]
DVDD
DSIS: PIN
MM: MUX1
General-Purpose Input/Output (I/O) 1 [GP1] pin 18
GPMC_A[23]/
GPMC, SPI[2],
SPI[2]_SCLK/
IPD
HDMI, TIMER5
HDMI_HPDET/
AA26
I/O
DVDD_GP
PINCNTL112
TIM5_IO/
MC
DSIS: PIN
GP1[18]
MM: MUX0
SPI[1]
SPI[1]_SCLK/
IPU
PINCNTL86
AC3
I/O
GP1[17]
DVDD
DSIS: PIN
MM: MUX1
General-Purpose Input/Output (I/O) 1 [GP1] pin 17
GPMC_A[22]/
GPMC, SPI[2],
SPI[2]_D[1]/
IPU
HDMI, TIMER4
HDMI_CEC/
AB27
I/O
DVDD_GP
PINCNTL111
TIM4_IO/
MC
DSIS: PIN
GP1[17]
MM: MUX0
SPI[1]
SPI[1]_SCS[0]/
IPU
PINCNTL85
AD3
I/O
GP1[16]
DVDD
DSIS: PIN
MM: MUX1
General-Purpose Input/Output (I/O) 1 [GP1] pin 16
GPMC, SPI[2]
GPMC_A[21]/
IPD
PINCNTL110
SPI[2]_D[0]/
AC28
I/O
DVDD_GP
DSIS: PIN
GP1[16]
MC
MM: MUX0
SD2
IPU
SD2_CLK/
PINCNTL121
M23
I/O
DVDD_GP
GP1[15]
DSIS: PIN
MC
MM: MUX1
General-Purpose Input/Output (I/O) 1 [GP1] pin 15
GPMC, SPI[2]
GPMC_A[20]/
IPU
PINCNTL109
SPI[2]_SCS[1]/
AD28
I/O
DVDD_GP
DSIS: PIN
GP1[15]
MC
MM: MUX0
SD2, GPMC
SD2_DAT[0]/
IPU
PINCNTL120
GPMC_A[4]/
L26
I/O
DVDD_GP
DSIS: PIN
GP1[14]
MC
MM: MUX1
General-Purpose Input/Output (I/O) 1 [GP1] pin 14
GPMC, TIMER3
GPMC_A[19]/
IPD
PINCNTL108
TIM3_IO/
AC27
I/O
DVDD_GP
DSIS: PIN
GP1[14]
MC
MM: MUX0
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
77
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com