Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 60 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 60 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 56Page - Texas Instruments TMS320DM814x Datasheet HTML 57Page - Texas Instruments TMS320DM814x Datasheet HTML 58Page - Texas Instruments TMS320DM814x Datasheet HTML 59Page - Texas Instruments TMS320DM814x Datasheet HTML 60Page - Texas Instruments TMS320DM814x Datasheet HTML 61Page - Texas Instruments TMS320DM814x Datasheet HTML 62Page - Texas Instruments TMS320DM814x Datasheet HTML 63Page - Texas Instruments TMS320DM814x Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 3-7. EMAC[0] Terminal Functions [(R)(G)MII] (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
EMAC[0]_MRXD[7]/
EMAC[0],
EMAC[0]_RGTXD[1]/
GPMC, SPI[2]
G27
GPMC_A[4]/
PINCNTL247
SPI[2]_SCS[3]
DSIS: PIN
EMAC[0]_MRXD[6]/
EMAC[0],
EMAC[0]_RGTXD[2]/
GPMC, UART5
F28
GPMC_A[3]/
PINCNTL246
UART5_RTS
DSIS: PIN
EMAC[0]_MRXD[5]/
EMAC[0],
EMAC[0]_RGTXD[3]/
GPMC, UART5
H26
GPMC_A[2]/
PINCNTL245
UART5_CTS
DSIS: PIN
EMAC[0]_MRXD[4]/
EMAC[0],
EMAC[0]_RGRXD[3]/
GPMC, UART5
T23
GPMC_A[1]/
PINCNTL244
UART5_TXD
DSIS: PIN
EMAC[0]_MRXD[3]/
[G]MII Receive Data [7:0]. For 1000 EMAC GMII
EMAC[1]_RGRXCTL/
EMAC[1],
IPD
operation, EMAC[0]_RXD[7:0] are used. For 10/100
I
GPMC_A[27]/
GPMC, UART5
DVDD_GPMC
EMAC MII operation, only EMAC[0]_RXD[3:0] are
J25
GPMC_A[26]/
PINCNTL243
used.
GPMC_A[0]/
DSIS: PIN
UART5_RXD
EMAC[0]_MRXD[2]/
EMAC[0],
EMAC[0]_RGRXD[1]/
VIN[1]B, GP3
VIN[1]B_D[7]/
R23
PINCNTL242
EMAC[0]_RMTXEN/
DSIS: PIN
GP3[30]
EMAC[0]_MRXD[1]/
EMAC[0],
EMAC[0]_RGRXD[0]/
VIN[1]B, GP3
VIN[1]B_D[6]/
P23
PINCNTL241
EMAC[0]_RMTXD[1]/
DSIS: PIN
GP3[29]
EMAC[0]_MRXD[0]/
EMAC[0],
EMAC[0]_RGTXD[0]/
VIN[1]B, GP3
VIN[1]B_D[5]/
G28
PINCNTL240
EMAC[0]_RMTXD[0]/
DSIS: PIN
GP3[28]
EMAC[0]_MRXDV/
EMAC[1],
EMAC[1]_RGRXD[1]/
IPD
GPMC, SPI[2]
K22
I
[G]MII Receive Data Valid input
GPMC_A[5]/
DVDD_GPMC
PINCNTL248
SPI[2]_SCLK
DSIS: 0
EMAC[0]_MRXER/
EMAC[0],
EMAC[0]_RGTXCTL/
IPD
VIN[1]B, GP3
VIN[1]B_D[3]/
J26
I
[G]MII Receive Data Error input
DVDD_GPMC
PINCNTL238
EMAC[0]_RMRXER/
DSIS: 0
GP3[26]
EMAC[0]_MTCLK/
EMAC[0],
EMAC[0]_RGRXC/
VIN[1]B, SPI[3],
VIN[1]B_D[0]/
IPD
L24
I
I2C[2], GP3
[G]MII Transmit Clock input
SPI[3]_SCS[3]/
DVDD_GPMC
PINCNTL235
I2C[2]_SDA/
DSIS: 0
GP3[23]
60
Device Pins
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com