Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 27 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 23Page - Texas Instruments TMS320DM814x Datasheet HTML 24Page - Texas Instruments TMS320DM814x Datasheet HTML 25Page - Texas Instruments TMS320DM814x Datasheet HTML 26Page - Texas Instruments TMS320DM814x Datasheet HTML 27Page - Texas Instruments TMS320DM814x Datasheet HTML 28Page - Texas Instruments TMS320DM814x Datasheet HTML 29Page - Texas Instruments TMS320DM814x Datasheet HTML 30Page - Texas Instruments TMS320DM814x Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
2.12.3 C674x Memory Map (Memory Management Unit Bypassed)
Table 2-5 shows the memory map for the C674x DSP when bypassing the Memory Management Unit.
Table 2-5. MMU Bypassed C674x DSP Memory Map
START ADDRESS
END ADDRESS
SIZE
DESCRIPTION
(HEX)
(HEX)
0x0000_0000
0x007F_FFFF
Reserved
0x0080_0000
0x0083_FFFF
256KB
C674x™ Level 2 (L2) Cache / RAM
0x0084_0000
0x00DF_FFFF
Reserved
0x00E0_0000
0x00E0_7FFF
32KB
C674x Level 1 Program (L1P) Cache/RAM
0x00E0_8000
0x00EF_FFFF
Reserved
0x00F0_0000
0x00F0_7FFF
32KB
C674x Level 1 Data (L1D) Cache and RAM
0x00F0_8000
0x017F_FFFF
Reserved
0x0180_0000
0x01BF_FFFF
4MB
C674x Interrupt Controller and Configuration Registers
0x01C0_0000
0x07FF_FFFF
Reserved
0x0800_0000
0x083F_FFFF
4MB
L4 Slow0 Peripheral Domain
(see )
0x0840_0000
0x08FF_FFFF
12MB
L4 Slow1 Peripheral Domain
(see )
0x0900_0000
0x090F_FFFF
1MB
EDMA Channel Controller 0 Configuration Registers
0x0910_0000
0x097F_FFFF
Reserved
0x0980_0000
0x098F_FFFF
1MB
EDMA Transfer Controller 0 Configuration Registers
0x0990_0000
0x099F_FFFF
1MB
EDMA Transfer Controller 1 Configuration Registers
0x09A0_0000
0x09AF_FFFF
1MB
EDMA Transfer Controller 2 Configuration Registers
0x09B0_0000
0x09BF_FFFF
1MB
EDMA Transfer Controller 3 Configuration Registers
0x09C0_0000
0x09FF_FFFF
Reserved
0x0A00_0000
0x0AFF_FFFF
16MB
L4 Fast Peripheral Domain
(see Table 2-6)
0x0B00_0000
0x0FFF_FFFF
Reserved
0x1000_0000
0x10FF_FFFF
16MB
C674x Internal Global Address(1)
0x1100_0000
0x1FFF+FFFF
240MB
GPMC Slave Address Space
0x2000_0000
0x2FFF_FFFF
256MB
PCI Express (PCI-e) Slave Port
0x3000_0000
0x3FFF_FFFF
Reserved
0x4002_0000
0x400F_FFFF
Reserved (BOOTROM)
0x4010_0000
0x402F_FFFF
Reserved
0x4030_0000
0x4033_FFFF
256KB
On Chip Level 3 (L3) RAM
0x4034_0000
0x43FF_FFFF
Reserved
0x4400_0000
0x443F_FFFF
4MB
Level 3 Fast (L3F) Interconnect Configuration Registers
0x4440_0000
0x447F_FFFF
4MB
Level 3 Mid (L3M) Interconnect Configuration Registers
0x4480_0000
0x44BF_FFFF
4MB
Level 3 Slow (L3S) Interconnect Configuration Registers
0x44C0_0000
0x44FF_FFFF
Reserved
0x4500_0000
0x45FF_FFFF
16MB
Expansion L3 port
0x4600_0000
0x463F_FFFF
4MB
McASP0 Data Port
0x4640_0000
0x467F_FFFF
4MB
McASP1 Data Port
0x4680_0000
0x46BF_FFFF
4MB
McASP2 Data Port
0x46C0_0000
0x46FF_FFFF
Reserved
0x4700_0000
0x473F_FFFF
4MB
McBSP Peripheral Configuration Registers
0x4740_0000
0x477F_FFFF
4MB
USB Subsystem Configuration Registers
0x4780_0000
0x4780_FFFF
64KB
Viterbi Coprocessor 2 Configuration Registers
(1)
Addresses 0x1000_0000 to 0x10FF_FFFF are mapped to C674x internal addresses 0x0000_0000 to 0x00FF_FFFF.
Copyright © 2011–2013, Texas Instruments Incorporated
Device Overview
27
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com