Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 26 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 22Page - Texas Instruments TMS320DM814x Datasheet HTML 23Page - Texas Instruments TMS320DM814x Datasheet HTML 24Page - Texas Instruments TMS320DM814x Datasheet HTML 25Page - Texas Instruments TMS320DM814x Datasheet HTML 26Page - Texas Instruments TMS320DM814x Datasheet HTML 27Page - Texas Instruments TMS320DM814x Datasheet HTML 28Page - Texas Instruments TMS320DM814x Datasheet HTML 29Page - Texas Instruments TMS320DM814x Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
2.12.2 C674x Memory Map
Table 2-4 shows the memory map for the C674x DSP.
Table 2-4. C674x Memory Map
START ADDRESS
END ADDRESS
SIZE
DESCRIPTION
(HEX)
(HEX)
0x0000_0000
0x003F_FFFF
4MB
Reserved
0x0040_0000
0x0043_FFFF
256KB
HDVICP2 SL2
0x0044_0000
0x007F_FFFF
3840KB
Reserved
0x0080_0000
0x0083_FFFF
256KB
C674x™ L2 RAM
0x0084_0000
0x00DF_FFFF
5888KB
Reserved
0x00E0_0000
0x00E0_7FFF
32KB
C674x L1P Cache/RAM
0x00E0_8000
0x00EF_FFFF
992KB
Reserved
0x00F0_0000
0x00F0_7FFF
32KB
C674x L1D Cache/RAM
0x00F0_8000
0x017F_FFFF
9184KB
Reserved
0x0180_0000
0x01BF_FFFF
4MB
C674x Internal CFG registers
0x01C0_0000
0x07FF_FFFF
100MB
Reserved
0x0800_0000
0x08FF_FFFF
16MB
L4 Slow Peripheral Domain
(see Table 2-7)
0x0900_0000
0x090F_FFFF
1MB
EDMA TPCC Registers
0x0910_0000
0x097F_FFFF
7MB
Reserved
0x0980_0000
0x098F_FFFF
1MB
EDMA TPTC0 Registers
0x0990_0000
0x099F_FFFF
1MB
EDMA TPTC1 Registers
0x09A0_0000
0x09AF_FFFF
1MB
EDMA TPTC2 Registers
0x09B0_0000
0x09BF_FFFF
1MB
EDMA TPTC3 Registers
0x09C0_0000
0x09FF_FFFF
4MB
Reserved
0x0A00_0000
0x0AFF_FFFF
16MB
L4 Fast Peripheral Domain
(see Table 2-6)
0x0B00_0000
0x0FFF_FFFF
80MB
Reserved
0x1000_0000
0x10FF_FFFF
16MB
C674x Internal Global Address(1)
0x1100_0000
0xFFFF_FFFF
3824MB
System MMU Mapped L3
Regions(2)
(1)
Addresses 0x1000_0000 to 0x10FF_FFFF are mapped to C674x internal addresses 0x0000_0000 to 0x00FF_FFFF.
(2)
For more details on the system MMU features, see the System MMU section of the Chip Level Resources chapter in the
TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature Number: SPRUGZ8).
26
Device Overview
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com