Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 3Page - Texas Instruments TMS320DM814x Datasheet HTML 4Page - Texas Instruments TMS320DM814x Datasheet HTML 5Page - Texas Instruments TMS320DM814x Datasheet HTML 6Page - Texas Instruments TMS320DM814x Datasheet HTML 7Page - Texas Instruments TMS320DM814x Datasheet HTML 8Page - Texas Instruments TMS320DM814x Datasheet HTML 9Page - Texas Instruments TMS320DM814x Datasheet HTML 10Page - Texas Instruments TMS320DM814x Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
1
High-Performance System-on-Chip (SoC)
......... 1
7.2
Power
.............................................. 181
1.1
Features
............................................. 1
7.3
Reset
.............................................. 189
1.2
Applications
.......................................... 3
7.4
Clocking
........................................... 197
1.3
Description
........................................... 4
7.5
Interrupts
.......................................... 214
1.4
Functional Block Diagram
........................... 6
8
Peripheral Information and Timings
............. 221
Revision History
.............................................. 8
8.1
Parameter Information
............................ 221
8.2
Recommended Clock and Control Signal Transition
2
Device Overview
....................................... 12
Behavior
........................................... 222
2.1
Device Comparison
................................ 12
8.3
Controller Area Network Interface (DCAN)
....... 223
2.2
Device Characteristics
.............................. 12
8.4
EDMA
............................................. 225
2.3
Device Compatibility
................................ 14
8.5
Emulation Features and Capability
............... 232
2.4
ARM® Cortex™-A8 Microprocessor Unit (MPU)
Subsystem Overview
............................... 14
8.6
Ethernet MAC Switch (EMAC SW)
................ 236
2.5
C674x™ DSP Overview
............................ 16
8.7
General-Purpose Input/Output (GPIO)
............ 251
8.8
General-Purpose Memory Controller (GPMC) and
2.6
System Memory Management Unit (MMU)
........ 20
Error Location Module (ELM)
..................... 254
2.7
Media Controller Overview
......................... 21
8.9
High-Definition Multimedia Interface (HDMI)
...... 271
2.8
HDVICP2 Overview
................................ 21
8.10
High-Definition Video Processing Subsystem
2.9
SGX530 Overview
.................................. 22
(HDVPSS)
......................................... 274
2.10
Spinlock Module Overview
......................... 22
8.11
Inter-Integrated Circuit (I2C)
...................... 280
2.11
Mailbox Module Overview
.......................... 23
8.12
Imaging Subsystem (ISS)
......................... 284
2.12
Memory Map Summary
............................. 24
8.13
DDR2/DDR3 Memory Controller
.................. 287
3
Device Pins
............................................. 34
8.14
Multichannel Audio Serial Port (McASP)
.......... 324
3.1
Pin Maps
........................................... 34
8.15
Multichannel Buffered Serial Port (McBSP)
....... 332
3.2
Terminal Functions
................................. 43
8.16
MultiMedia Card/Secure Digital/Secure Digital Input
4
Device Configurations
.............................. 153
Output (MMC/SD/SDIO)
........................... 337
4.1
Control Module Registers
......................... 153
8.17
Peripheral Component Interconnect Express (PCIe)
..................................................... 340
4.2
Boot Modes
....................................... 153
8.18
Serial ATA Controller (SATA)
..................... 347
4.3
Pin Multiplexing Control
........................... 159
8.19
Serial Peripheral Interface (SPI)
.................. 351
4.4
Handling Unused Pins
............................ 170
8.20
Timers
............................................. 358
4.5
DeBugging Considerations
........................ 170
8.21
Universal Asynchronous Receiver/Transmitter
5
System Interconnect
................................ 172
(UART)
............................................ 360
6
Device Operating Conditions
...................... 176
8.22
Universal Serial Bus (USB2.0)
.................... 362
6.1
Absolute Maximum Ratings
....................... 176
9
Device and Documentation Support
............. 370
6.2
Recommended Operating Conditions
............. 177
9.1
Device Support
.................................... 370
6.3
Power-On Hours (POH)
........................... 178
9.2
Documentation Support
........................... 371
6.4
Electrical Characteristics Over Recommended
9.3
Community Resources
............................ 371
Ranges of Supply Voltage and Operating
Temperature (Unless Otherwise Noted)
.......... 179
10
Mechanical
............................................ 372
7
Power, Reset, Clocking, and Interrupts
......... 181
10.1
Thermal Data for CYE-04 (Top Hat)
.............. 372
7.1
Power, Reset and Clock Management (PRCM)
10.2
Packaging Information
............................ 372
Module
............................................ 181
Copyright © 2011–2013, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com