Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 28 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 24Page - Texas Instruments TMS320DM814x Datasheet HTML 25Page - Texas Instruments TMS320DM814x Datasheet HTML 26Page - Texas Instruments TMS320DM814x Datasheet HTML 27Page - Texas Instruments TMS320DM814x Datasheet HTML 28Page - Texas Instruments TMS320DM814x Datasheet HTML 29Page - Texas Instruments TMS320DM814x Datasheet HTML 30Page - Texas Instruments TMS320DM814x Datasheet HTML 31Page - Texas Instruments TMS320DM814x Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 2-5. MMU Bypassed C674x DSP Memory Map (continued)
START ADDRESS
END ADDRESS
SIZE
DESCRIPTION
(HEX)
(HEX)
0x4781_0000
0x4781_1FFF
8KB
MMC/SD2 Peripheral Configuration Registers
0x4781_2000
0x47FF_FFFF
Reserved
0x4800_0000
0x483F_FFFF
4MB
L4 Slow0 Peripheral Domain
(see )
0x4840_0000
0x48FF_FFFF
12MB
L4 Slow1 Peripheral Domain
(see )
0x4900_0000
0x490F_FFFF
1MB
EDMA Channel Controller Registers
0x4910_0000
0x497F_FFFF
Reserved
0x4980_0000
0x498F_FFFF
1MB
EDMA Transfer Controller 0 Registers
0x4990_0000
0x499F_FFFF
1MB
EDMA Transfer Controller 1 Registers
0x49A0_0000
0x49AF_FFFF
1MB
EDMA Transfer Controller 2 Registers
0x49B0_0000
0x49BF_FFFF
1MB
EDMA Transfer Controller 3 Registers
0x49C0_0000
0x49FF_FFFF
Reserved
0x4A00_0000
0x4AFF_FFFF
16MB
L4 Fast Peripheral Domain
(see Table 2-6)
0x4B00_0000
0x4BFF_FFFF
16MB
Emulation Subsystem
0x4C00_0000
0x4CFF_FFFF
16MB
DDR Configuration Registers
0x4D00_0000
0x4FFF_FFFF
Reserved
0x5000_0000
0x50FF_FFFF
16MB
General Purpose Memory Controller Configuration Registers
0x5100_0000
0x51FF_FFFF
16MB
PCI Express (PCIe) Peripheral Configuration Registers
0x5200_0000
0x523F_FFFF
Reserved
0x5240_0000
0x527F_FFFF
4MB
BitBLT 2D Graphics Engine Configuration Registers
0x5280_0000
0x54BF_FFFF
Reserved
0x54C0_0000
0x54FF_FFFF
4MB
Analog-to-Digital Converter / Touchscreen Controller DMA
Port Registers
0x5500_0000
0x55FF_FFFF
16MB
Media Controller Registers(2)
0x5600_0000
0x56FF_FFFF
16MB
SGX530 3D Graphics Engine Configuration Registers
0x5700_0000
0x7FFF_FFFF
Reserved
0x8000_0000
0xFFFF_FFFF
2GB
DDR Addressable Memory Space
(2)
This range maps into the 0x5500 0000 - 0x55FF FFFF region of )
28
Device Overview
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com