Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 1 Page - Texas Instruments

  TMS320DM814x Datasheet HTML 1Page - Texas Instruments TMS320DM814x Datasheet HTML 2Page - Texas Instruments TMS320DM814x Datasheet HTML 3Page - Texas Instruments TMS320DM814x Datasheet HTML 4Page - Texas Instruments TMS320DM814x Datasheet HTML 5Page - Texas Instruments TMS320DM814x Datasheet HTML 6Page - Texas Instruments TMS320DM814x Datasheet HTML 7Page - Texas Instruments TMS320DM814x Datasheet HTML 8Page - Texas Instruments TMS320DM814x Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
TMS320DM814x DaVinci™
Video Processors
Check for Samples: TMS320DM8148, TMS320DM8147
1
High-Performance System-on-Chip (SoC)
1.1
Features
12
– 32KB of L1D RAM/Cache
• High-Performance DaVinci Video Processors
– 256KB of L2 Unified Mapped RAM/Caches
– Up to 1-GHz ARM® Cortex®-A8 RISC Core
With ECC
– Up to 750-MHz C674x™ VLIW DSP
• System Memory Management Unit (MMU)
– Up to 6000 MIPS and 4500 MFLOPS
– Maps C674x DSP and EDMA TC Memory
– Fully Software-Compatible with C67x+™,
Accesses to System Addresses
C64x+™
• 128KB of On-Chip Memory Controller (OCMC)
• ARM Cortex-A8 Core
RAM
– ARMv7 Architecture
• Imaging Subsystem (ISS)
•
In-Order, Dual-Issue, Superscalar
– Camera Sensor Connection
Processor Core
•
Parallel Connection for Raw (up to 16-Bit)
•
Neon™ Multimedia Architecture
and BT.656 or BT.1120 (8- and 16-Bit)
•
Supports Integer and Floating Point
– Image Sensor Interface (ISIF) for Handling
•
Jazelle® RCT Execution Environment
Image and Video Data From the Camera
• ARM Cortex-A8 Memory Architecture
Sensor
– 32KB of Instruction and Data Caches
– Resizer
– 512KB of L2 Cache
•
Resizing Image and Video From 1/16x to
– 64KB of RAM, 48KB of Boot ROM
8x
• TMS320C674x Floating-Point VLIW DSP
•
Generating Two Different Resizing
– 64 General-Purpose Registers (32-Bit)
Outputs Concurrently
– Six ALU (32-/40-Bit) Functional Units
• Programmable High-Definition Video Image
Coprocessing (HDVICP v2) Engine
•
Supports 32-Bit Integer, SP (IEEE Single
Precision/32-Bit) and DP (IEEE Double
– Encode, Decode, Transcode Operations
Precision/64-Bit) Floating Point
– H.264, MPEG-2, VC-1, MPEG-4, SP/ASP,
•
Supports up to Four SP Adds Per Clock
JPEG/MJPEG
and Four DP Adds Every Two Clocks
• Media Controller
•
Supports up to Two Floating-Point (SP or
– Controls the HDVPSS, HDVICP2, and ISS
DP) Approximate Reciprocal or Square
• SGX530 3D Graphics Engine
Root Operations Per Cycle
– Delivers up to 25 MPoly/sec
– Two Multiply Functional Units
– Universal Scalable Shader Engine
•
Mixed-Precision IEEE Floating-Point
– Direct3D Mobile, OpenGLES 1.1 and 2.0,
Multiply Supported up to:
OpenVG 1.0, OpenMax API Support
–
2 SP x SP
→ SP Per Clock
– Advanced Geometry DMA Driven Operation
–
2 SP x SP
→ DP Every Two Clocks
– Programmable HQ Image Anti-Aliasing
–
2 SP x DP
→ DP Every Three Clocks
• Endianness
–
2 DP x DP
→ DP Every Four Clocks
– ARM and DSP Instructions/Data – Little
•
Fixed-Point Multiply Supports Two 32 x
Endian
32 Multiplies, Four 16 x 16-Bit Multiplies
• HD Video Processing Subsystem (HDVPSS)
Including Complex Multiplies, or Eight 8 x
– Two 165-MHz, 2-channel HD Video Capture
8-Bit Multiplies per Clock Cycle
Modules
• C674x Two-Level Memory Architecture
•
One 16-/24-Bit Input or Dual 8-Bit SD
– 32KB of L1P RAM/Cache With EDC
Input Channels
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2011–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - TMS320DM814x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM814X TI1-TMS320DM814X Datasheet
2Mb / 377P
DaVinci Video Processors
More results

Similar Description - TMS320DM814x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
TMS320DM814x DaVinci Digital Media Processors
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8168 TI1-TMS320DM8168_13 Datasheet
2Mb / 327P
TMS320DM816x DaVinci Video Processors
TMS320DM8127 TI1-TMS320DM8127_14 Datasheet
2Mb / 365P
DaVinci Video Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
DaVinci Digital Media Processors
TMS320DM8127 TI1-TMS320DM8127 Datasheet
2Mb / 365P
DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
DaVinci Video Processors
9900 TI-9900 Datasheet
5Mb / 104P
Video Display Processors
NOVEMBER 1982
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com