Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 203 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 203 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 199Page - Texas Instruments TMS320DM814x Datasheet HTML 200Page - Texas Instruments TMS320DM814x Datasheet HTML 201Page - Texas Instruments TMS320DM814x Datasheet HTML 202Page - Texas Instruments TMS320DM814x Datasheet HTML 203Page - Texas Instruments TMS320DM814x Datasheet HTML 204Page - Texas Instruments TMS320DM814x Datasheet HTML 205Page - Texas Instruments TMS320DM814x Datasheet HTML 206Page - Texas Instruments TMS320DM814x Datasheet HTML 207Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 376 page
background image
0111
0110
0100
0101
1011-1111
1010
1000
1001
0011
CLKOUT_MUX
CLKOUT0
RESERVED
RCOSC32K Output
PLL_SGX Output
DEV_OSC Clock Input
AUX Clock
DEV Clock
PLL_L3 Output
PLL_MEDIACTL Output / 2
PLL_DSS Output / 2
0001
0010
0000
(A)
PCIE SERDES Observation Clock
SATA SERDES Observation Clock
PRCM SYSCLK Output
CLKOUT1
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
A.
Muxed output of DEVOSC clock, USBPLL clock output, VIDEO0 PLL Clock output, and RTC DIVIDER output.
Figure 7-11. CLKOUTx Source Selection Logic
For detailed information on the CLKOUTx switching characteristics, see Table 7-19.
7.4.7
Input/Output Clocks Electrical Data/Timing
Note: If an external clock oscillator is used, a single clean power supply should be used to power both the
device and the external clock oscillator circuit.
Table 7-15. Timing Requirements for DEVOSC_MXI/DEV_CLKIN(1) (2) (3)(see Figure 7-12)
OPP100
NO
UNIT
.
MIN
NOM
MAX
1
tc(DMXI)
Cycle time, DEVOSC_MXI/DEV_CLKIN
33.33
50
50
ns
2
tw(DMXIH)
Pulse duration, DEVOSC_MXI/DEV_CLKIN high
0.45C
0.55C
ns
3
tw(DMXIL)
Pulse duration, DEVOSC_MXI/DEV_CLKIN low
0.45C
0.55C
ns
4
tt(DMXI)
Transition time, DEVOSC_MXI/DEV_CLKIN
7
ns
5
tJ(DMXI)
Period jitter, DEVOSC_MXI/DEV_CLKIN
0.02C
ns
If Ethernet not used
±200
Frequency Stability
If MII is used and RGMII, RMII not used
±100
ppm
If RGMII, or RMII used
±50
(1)
The DEVOSC_MXI/DEV_CLKIN frequency and PLL settings should be chosen such that the resulting SYSCLKs and Module Clocks are
within the specific ranges shown in the Section 7.4.9, SYSCLKs and Section 7.4.10, Module Clocks.
(2)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(3)
C = DEV_CLKIN cycle time in ns. For example, when DEVOSC_MXI/DEV_CLKIN frequency is 20 MHz, use C = 50 ns.
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
203
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com