Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 217 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 217 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 213Page - Texas Instruments TMS320DM814x Datasheet HTML 214Page - Texas Instruments TMS320DM814x Datasheet HTML 215Page - Texas Instruments TMS320DM814x Datasheet HTML 216Page - Texas Instruments TMS320DM814x Datasheet HTML 217Page - Texas Instruments TMS320DM814x Datasheet HTML 218Page - Texas Instruments TMS320DM814x Datasheet HTML 219Page - Texas Instruments TMS320DM814x Datasheet HTML 220Page - Texas Instruments TMS320DM814x Datasheet HTML 221Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
7.5.2
C674x DSP Interrupts
The C674x DSP interrupt controller combines up to 128 device events into 12 prioritized interrupts
presented to the CPU. The default sources of the 128 device events are shown in Table 7-29. In addition,
device events 15 through 95 can alternatively be sourced from one of the 24 Multiplexed device events
shown in Table 7-30. The DSP_INTMUX_x registers in the Control Module are used to select between the
default event and the multiplexed event. The interrupt controller also controls the generation of the CPU
exceptions, NMI, and emulation interrupts.
Table 7-29. Default C674x Event Sources
C674x DEFAULT
ACRONYM
SOURCE
EVENT NUMBER
0
EVT0
C674x Interrupt Controller 0
1
EVT1
C674x Interrupt Controller 1
2
EVT2
C674x Interrupt Controller 2
3
EVT3
C674x Interrupt Controller 3
4
-
Reserved
5
-
Reserved
6
-
Reserved
7
-
Reserved
8
-
Reserved
9
EMU_DTDMA
C674x-ECM
10
-
Reserved
11
EMU_RTDXRX
C674x-RTDX
12
EMU_RTDXTX
C674x-RTDX
13
IDMAINT0
C674x-ECM
14
C674x
C674x-ECM
15
SDINT0
MMC/SD0
16
SPIINT0
SPI0
17
–
Reserved
18
ELM_IRQ
ELM
19
–
Reserved
20
EDMAINT
EDMA CC
21
EDMAERRINT
EDMA CC Error
22
TCERRINT0
EDMA TC0 Error
23
ISS_IRQ4
ISS
24
–
Reserved
25
–
Reserved
26
–
Reserved
27
TCERRINT1
EDMA TC1 Error
28
TCERRINT2
EDMA TC2 Error
29
TCERRINT3
EDMA TC3 Error
30
SDINT1
MMC/SD1
31
SDINT2
MMC/SD2
32
3PGSWRXTHR0
EMAC Switch RX Threshold
33
3PGSWRXINT0
EMAC Switch RX
34
3PGSWTXINT0
EMAC Switch TX
35
3PGSWMISC0
EMAC Switch Miscellaneous
36
PCIINT0
PCIe
37
PCIINT1
PCIe
38
PCIINT2
PCIe
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
217
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com