Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 230 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 230 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 226Page - Texas Instruments TMS320DM814x Datasheet HTML 227Page - Texas Instruments TMS320DM814x Datasheet HTML 228Page - Texas Instruments TMS320DM814x Datasheet HTML 229Page - Texas Instruments TMS320DM814x Datasheet HTML 230Page - Texas Instruments TMS320DM814x Datasheet HTML 231Page - Texas Instruments TMS320DM814x Datasheet HTML 232Page - Texas Instruments TMS320DM814x Datasheet HTML 233Page - Texas Instruments TMS320DM814x Datasheet HTML 234Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 8-5. EDMA Channel Controller (EDMA TPCC) Control Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4900 2084
QEER
QDMA Event Enable
0x4900 2088
QEECR
QDMA Event Enable Clear
0x4900 208C
QEESR
QDMA Event Enable Set
0x4900 2090
QSER
QDMA Secondary Event
0x4900 2094
QSECR
QDMA Secondary Event Clear
0x4900 2200 - 0x4900 2294
-
Shadow Region 1 Channels
0x4900 2400 - 0x4900 2494
-
Shadow Region 2 Channels
...
...
0x4900 2E00 - 0x4900 2E94
-
Shadow Channels for MP Space 7
Table 8-6. EDMA Transfer Controller (EDMA TPTC) Control Registers
TPTC0 HEX
TPTC1 HEX
TPTC2 HEX
TPTC3 HEX
ACRONYM
REGISTER NAME
ADDRESS
ADDRESS
ADDRESS
ADDRESS
0x4980 0000
0x4990 0000
0x49A0 0000
0x49B0 0000
PID
Peripheral Identification
0x4980 0004
0x4990 0004
0x49A0 0004
0x49B0 0004
TCCFG
EDMA3TC Configuration
0x4980 0100
0x4990 0100
0x49A0 0100
0x49B0 0100
TCSTAT
EDMA3TC Channel Status
0x4980 0120
0x4990 0120
0x49A0 0120
0x49B0 0120
ERRSTAT
Error Status
0x4980 0124
0x4990 0124
0x49A0 0124
0x49B0 0124
ERREN
Error Enable
0x4980 0128
0x4990 0128
0x49A0 0128
0x49B0 0128
ERRCLR
Error Clear
0x4980 012C
0x4990 012C
0x49A0 012C
0x49B0 012C
ERRDET
Error Details
0x4980 0130
0x4990 0130
0x49A0 0130
0x49B0 0130
ERRCMD
Error Interrupt Command
0x4980 0140
0x4990 0140
0x49A0 0140
0x49B0 0140
RDRATE
Read Rate Register
0x4980 0240
0x4990 0240
0x49A0 0240
0x49B0 0240
SAOPT
Source Active Options
0x4980 0244
0x4990 0244
0x49A0 0244
0x49B0 0244
SASRC
Source Active Source Address
0x4980 0248
0x4990 0248
0x49A0 0248
0x49B0 0248
SACNT
Source Active Count
0x4980 024C
0x4990 024C
0x49A0 024C
0x49B0 024C
SADST
Source Active Destination
Address
0x4980 0250
0x4990 0250
0x49A0 0250
0x49B0 0250
SABIDX
Source Active Source B-Index
0x4980 0254
0x4990 0254
0x49A0 0254
0x49B0 0254
SAMPPRXY
Source Active Memory
Protection Proxy
0x4980 0258
0x4990 0258
0x49A0 0258
0x49B0 0258
SACNTRLD
Source Active Count Reload
0x4980 025C
0x4990 025C
0x49A0 025C
0x49B0 025C
SASRCBREF
Source Active Source Address
B-Reference
0x4980 0260
0x4990 0260
0x49A0 0260
0x49B0 0260
SADSTBREF
Source Active Destination
Address B-Reference
0x4980 0280
0x4990 0280
0x49A0 0280
0x49B0 0280
DFCNTRLD
Destination FIFO Set Count
Reload
0x4980 0284
0x4990 0284
0x49A0 0284
0x49B0 0284
DFSRCBREF
Destination FIFO Set
Destination Address B
Reference
0x4980 0288
0x4990 0288
0x49A0 0288
0x49B0 0288
DFDSTBREF
Destination FIFO Set
Destination Address B
Reference
0x4980 0300
0x4990 0300
0x49A0 0300
0x49B0 0300
DFOPT0
Destination FIFO Options 0
0x4980 0304
0x4990 0304
0x49A0 0304
0x49B0 0304
DFSRC0
Destination FIFO Source
Address 0
0x4980 0308
0x4990 0308
0x49A0 0308
0x49B0 0308
DFCNT0
Destination FIFO Count 0
0x4980 030C
0x4990 030C
0x49A0 030C
0x49B0 030C
DFDST0
Destination FIFO Destination
Address 0
0x4980 0310
0x4990 0310
0x49A0 0310
0x49B0 0310
DFBIDX0
Destination FIFO BIDX 0
230
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com