Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 236 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 236 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 232Page - Texas Instruments TMS320DM814x Datasheet HTML 233Page - Texas Instruments TMS320DM814x Datasheet HTML 234Page - Texas Instruments TMS320DM814x Datasheet HTML 235Page - Texas Instruments TMS320DM814x Datasheet HTML 236Page - Texas Instruments TMS320DM814x Datasheet HTML 237Page - Texas Instruments TMS320DM814x Datasheet HTML 238Page - Texas Instruments TMS320DM814x Datasheet HTML 239Page - Texas Instruments TMS320DM814x Datasheet HTML 240Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
8.6
Ethernet MAC Switch (EMAC SW)
The EMAC SW controls the flow of packet data between the device and two external Ethernet PHYs, with
hardware flow control and quality-of-service (QOS) support. The EMAC SW contains a 3-port gigabit
switch, where one port is internally connected and the other two ports are brought out externally. Each of
the external EMAC ports supports 10Base-T (10 Mbits/second [Mbps]), and 100BaseTX (100 Mbps), in
either half- or full-duplex mode, and 1000BaseT (1000 Mbps) in full-duplex mode.
The EMAC SW controls the flow of packet data from the device to the external PHYs. The EMAC0/1 ports
on the device support four interface modes: Media Independent Interface (MII), Gigabit Media
Independent Interface (GMII), Reduced Media Independent Interface (RMII) and Reduced Gigabit Media
Independent Interface (RGMII). In addition, a single MDIO interface is pinned out to control the PHY
configuration and status monitoring. Multiple external PHYs can be controlled by the MDIO interface.
The EMAC SW module conforms to the IEEE 802.3-2002 standard, describing the “Carrier Sense Multiple
Access with Collision Detection (CSMA/CD) Access Method and Physical Layer” specifications. The IEEE
802.3 standard has also been adopted by ISO/IEC and re-designated as ISO/IEC 8802-3:2000(E).
Deviating from this standard, the EMAC SW module does not use the Transmit Coding Error signal
MTXER. Instead of driving the error pin when an underflow condition occurs on a transmitted frame, the
EMAC SW will intentionally generate an incorrect checksum by inverting the frame CRC, so that the
transmitted frame will be detected as an error by the network. In addition, the EMAC SW I/Os operate at
3.3 V and are not compatible with 2.5-V I/O signaling. Therefore, only Ethernet PHYs with 3.3-V I/O
interface should be used.
In networking systems, packet transmission and reception are critical tasks. The communications port
programming interface (CPPI) protocol maximizes the efficiency of interaction between the host software
and communications modules. The CPPI block contains 2048 words of 32-bit buffer descriptor memory
that holds up to 512 buffer descriptors.
For more detailed information on the EMAC SW module, see the 3PSW Ethernet Subsystem chapter of
the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature Number:
SPRUGZ8).
8.6.1
EMAC Peripheral Register Descriptions
Table 8-14. Ethernet MAC Switch Registers
ARM/L3 MASTERS
EMAC HEX
ACRONYM
REGISTER NAME
ADDRESS RANGE
0x4A10 0000
CPSW_ID_VER
CPSW ID Version Register
0x4A10 0004
CPSW_CONTROL
CPSW Switch Control Register
0x4A10 0008
CPSW_SOFT_RESET
CPSW Soft Reset Register
0x4A10 000C
CPSW_STAT_PORT_EN
CPSW Statistics Port Enable Register
0x4A10 0010
CPSW_PTYPE
CPSW Transmit Priority Type Register
0x4A10 0014
CPSW_SOFT_IDLE
CPSW Software Idle
0x4A10 0018
CPSW_THRU_RATE
CPSW Throughput Rate
0x4A10 001C
CPSW_GAP_THRESH
CPSW CPGMAC_SL Short Gap Threshold
0x4A10 0020
CPSW_TX_START_WDS
CPSW Transmit Start Words
0x4A10 0024
CPSW_FLOW_CONTROL
CPSW Flow Control
0x4A10 0028
P0_MAX_BLKS
CPSW Port 0 Maximum FIFO Blocks Register
0x4A10 002C
P0_BLK_CNT
CPSW Port 0 FIFO Block Usage Count Register (Read Only)
0x4A10 0030
P0_TX_IN_CTL
CPSW Port 0 Transmit FIFO Control
0x4A10 0034
P0_PORT_VLAN
CPSW Port 0 VLAN Register
0x4A10 0038
P0_TX_PRI_MAP
CPSW Port 0 Tx Header Priority to Switch Priority Mapping Register
236
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com