Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 252 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 252 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 248Page - Texas Instruments TMS320DM814x Datasheet HTML 249Page - Texas Instruments TMS320DM814x Datasheet HTML 250Page - Texas Instruments TMS320DM814x Datasheet HTML 251Page - Texas Instruments TMS320DM814x Datasheet HTML 252Page - Texas Instruments TMS320DM814x Datasheet HTML 253Page - Texas Instruments TMS320DM814x Datasheet HTML 254Page - Texas Instruments TMS320DM814x Datasheet HTML 255Page - Texas Instruments TMS320DM814x Datasheet HTML 256Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 8-30. GPIO Registers (continued)
HEX ADDRESS
GPIO0
GPIO1
GPIO2
GPIO3
ACRONYM
REGISTER NAME
0x4803 2038
0x4804 C038
0x481A C038
0x481A E038
GPIO_IRQSTATUS
Enable Set for Interrupt 2
_SET_1
0x4803 203C
0x4804 C03C
0x481A C03C
0x481A E03C
GPIO_IRQSTATUS
Enable Clear for Interrupt 1
_CLR_0
0x4803 2040
0x4804 C040
0x481A C040
0x481A E040
GPIO_IRQSTATUS
Enable Clear for Interrupt 2
_CLR_1
0x4803 2044
0x4804 C044
0x481A C044
0x481A E044
GPIO_IRQWAKEN_ Wakeup Enable for Interrupt
0
1
0x4803 2048
0x4804 C048
0x481A C048
0x481A E048
GPIO_IRQWAKEN_ Wakeup Enable for Interrupt
1
2
0x4803 2114
0x4804 C114
0x481A C114
0x481A E114
GPIO_SYSSTATUS
System Status
0x4803 2130
0x4804 C130
0x481A C130
0x481A E130
GPIO_CTRL
Module Control
0x4803 2134
0x4804 C134
0x481A C134
0x481A E134
GPIO_OE
Output Enable
0x4803 2138
0x4804 C138
0x481A C138
0x481A E138
GPIO_DATAIN
Data Input
0x4803 213C
0x4804 C13C
0x481A C13C
0x481A E13C
GPIO_DATAOUT
Data Output
0x4803 2140
0x4804 C140
0x481A C140
0x481A E140
GPIO_LEVELDETE
Detect Low Level
CT0
0x4803 2144
0x4804 C144
0x481A C144
0x481A E144
GPIO_LEVELDETE
Detect High Level
CT1
0x4803 2148
0x4804 C148
0x481A C148
0x481A E148
GPIO_RISINGDETE Detect Rising Edge
CT
0x4803 214C
0x4804 C14C
0x481A C14C
0x481A E14C
GPIO_FALLINGDET Detect Falling Edge
ECT
0x4803 2150
0x4804 C150
0x481A C150
0x481A E150
GPIO_DEBOUNCE
Debouncing Enable
NABLE
0x4803 2154
0x4804 C154
0x481A C154
0x481A E154
GPIO_DEBOUNCIN Debouncing Value
GTIME
0x4803 2190
0x4804 C190
0x481A C190
0x481A E190
GPIO_CLEARDATA Clear Data Output
OUT
0x4803 2194
0x4804 C194
0x481A C194
0x481A E194
GPIO_SETDATAOU Set Data Output
T
252
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com