Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 272 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 272 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 268Page - Texas Instruments TMS320DM814x Datasheet HTML 269Page - Texas Instruments TMS320DM814x Datasheet HTML 270Page - Texas Instruments TMS320DM814x Datasheet HTML 271Page - Texas Instruments TMS320DM814x Datasheet HTML 272Page - Texas Instruments TMS320DM814x Datasheet HTML 273Page - Texas Instruments TMS320DM814x Datasheet HTML 274Page - Texas Instruments TMS320DM814x Datasheet HTML 275Page - Texas Instruments TMS320DM814x Datasheet HTML 276Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 376 page
background image
TD0+
TD0-
TD1+
TD1-
TD2+
TD2-
TD0
Shld
TD1
Shld
TD2
Shld
TCLK
Shld
CEC
SDA
SCL
DDC
Gnd
Rpullup
(A)
3.3 V
HDMI_DP0
HDMI_DN0
HDMI_DP1
HDMI_DN1
HDMI_DN2
HDMI_DP2
HDMI_CLKP
HDMI_CLKN
HDMI_CEC
HDMI_SDA
HDMI_SCL
HDMI Connector
Device
TCLK+
TCLK
TPD12S521
or other
ESD Protection
w/I2C-Level
Translation
HPDET
HDMI_HPDET
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
A.
5K-10K
Ω pullup resistors are required if not integrated in the ESD protection chip.
Figure 8-37. HDMI Interface High-Level Schematic
8.9.1.2
TMDS Routing
The TMDS signals are high-speed differential pairs. Care must be taken in the PCB layout of these signals
to ensure good signal integrity.
The TMDS differential signal traces must be routed to achieve 100
Ω (±10%) differential impedance and
60
Ω (±10%) single-ended impedance. Single-ended impedance control is required because differential
signals are extremely difficult to closely couple on PCBs and, therefore, single-ended impedance becomes
important.
These impedances are impacted by trace width, trace spacing, distance to reference planes, and dielectric
material. Verify with a PCB design tool that the trace geometry for both data signal pairs results in as
close to 60
Ω impedance traces as possible. For best accuracy, work with your PCB fabricator to ensure
this impedance is met.
In general, closely coupled differential signal traces are not an advantage on PCBs. When differential
signals are closely coupled, tight spacing and width control is necessary. Very small width and spacing
variations affect impedance dramatically, so tight impedance control can be more problematic to maintain
in production.
Loosely coupled PCB differential signals make impedance control much easier. Wider traces and spacing
make obstacle avoidance easier, and trace width variations do not affect impedance as much; therefore, it
is easier to maintain an accurate impedance over the length of the signal. The wider traces also show
reduced skin effect and, therefore, often result in better signal integrity.
Table 8-40 shows the routing specifications for the TMDS signals.
Table 8-40. TMDS Routing Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Processor-to-HDMI header trace length
7000
Mils
Number of stubs allowed on TMDS traces
0
Stubs
TX/RX pair differential impedance
90
100
110
Ω
TX/RX single ended impedance
54
60
66
Ω
Number of vias on each TMDS trace
2
Vias(1)
(1)
Vias must be used in pairs with their distance minimized.
272
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com