Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 278 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 278 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 274Page - Texas Instruments TMS320DM814x Datasheet HTML 275Page - Texas Instruments TMS320DM814x Datasheet HTML 276Page - Texas Instruments TMS320DM814x Datasheet HTML 277Page - Texas Instruments TMS320DM814x Datasheet HTML 278Page - Texas Instruments TMS320DM814x Datasheet HTML 279Page - Texas Instruments TMS320DM814x Datasheet HTML 280Page - Texas Instruments TMS320DM814x Datasheet HTML 281Page - Texas Instruments TMS320DM814x Datasheet HTML 282Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 376 page
background image
R
LOAD
TV_VFBx
Reconstruction
Filter
~9.5 MHz
(A)
Amplifier
3.7 V/V
C
AC
(B)
75 Ω
R
OUT
TV_OUTx
TV_VFBx
Reconstruction
Filter
~9.5 MHz
(A)
C
AC
(B)
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
8.10.2 Video DAC Guidelines and Electrical Data/Timing
The analog video DAC outputs of the device can be operated in one of two modes: Normal mode and
TVOUT Bypass mode. In Normal mode, the device’s internal video amplifier is used. In TVOUT Bypass
mode, the internal video amplifier is bypassed and an external amplifier is required.
Figure 8-41 shows a typical circuit that permits connecting the analog video output from the device to
standard 75-
Ω impedance video systems in Normal mode. Figure 8-42 shows a typical circuit that permits
connecting the analog video output from the device to standard 75-
Ω impedance video systems in TVOUT
Bypass mode.
A.
Reconstruction Filter (optional)
B.
AC coupling capacitor (optional)
Figure 8-41. TV Output (Normal Mode)
A.
Reconstruction Filter (optional). Note: An amplifier with an integrated reconstruction filter can alternatively be used
instead of a discrete reconstruction filter.
B.
AC coupling capacitor (optional)
Figure 8-42. TV Output (TVOUT Bypass Mode)
During board design, the onboard traces and parasitics must be matched for the channel. The video DAC
output pins (TV_OUTx/TV_VFBx) are very high-frequency analog signals and must be routed with
extreme care. As a result, the paths of these signals must be as short as possible, and as isolated as
possible from other interfering signals. In TVOUT Bypass mode, the load resistor and amplifier/buffer
should be placed as close as possible to the TV_VFBx pins. Other layout guidelines include:
•
Take special care to bypass the VDDA_VDAC_1P8 power supply pin with a capacitor. For more
information, see Section 7.2.9, Power-Supply Decoupling.
•
In TVOUT Bypass mode, place the RLOAD resistor as close as possible to the Reconstruction Filter
and Amplifier. In addition, place the 75-
Ω resistor as close as possible (< 0.5 ") to the Amplifier/buffer
output pin. To maintain a high-quality video signal, the onboard traces after the 75-
Ω resistor should
have a characteristic impedance of 75
Ω (± 20%).
•
In Normal mode, TV_VFBx is the most sensitive pin in the TV out system. The ROUT resistor should
be placed as close as possible to the device pins. To maintain a high-quality video signal, the onboard
traces leading to the TV_OUTx pin should have a characteristic impedance of 75
Ω (± 20%) starting
from the closest possible place to the device pin output.
•
Minimize input trace lengths to the device to reduce parasitic capacitance.
•
Include solid ground return paths.
•
Match trace lengths as close as possible within a video format group (that is, Y and C for S-Video
output should match each other).
278
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com