Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 351 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 351 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 347Page - Texas Instruments TMS320DM814x Datasheet HTML 348Page - Texas Instruments TMS320DM814x Datasheet HTML 349Page - Texas Instruments TMS320DM814x Datasheet HTML 350Page - Texas Instruments TMS320DM814x Datasheet HTML 351Page - Texas Instruments TMS320DM814x Datasheet HTML 352Page - Texas Instruments TMS320DM814x Datasheet HTML 353Page - Texas Instruments TMS320DM814x Datasheet HTML 354Page - Texas Instruments TMS320DM814x Datasheet HTML 355Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
8.19 Serial Peripheral Interface (SPI)
The SPI is a high-speed synchronous serial input/output port that allows a serial bit stream of programmed
length (4 to 32 bits) to be shifted into and out of the device at a programmed bit-transfer rate. The SPI is
normally used for communication between the device and external peripherals. Typical applications
include an interface-to-external I/O or peripheral expansion via devices such as shift registers, display
drivers, SPI EEPROMs, and Analog-to-Digital Converters (ADCs).
The SPI supports the following features:
•
Master/Slave operation
•
Four chip selects for interfacing/control to up to four SPI Slave devices and connection to a single
external Master
•
32-bit shift register
•
Buffered receive/transmit data register per channel (1 word deep), FIFO size is 64 bytes
•
Programmable SPI configuration per channel (clock definition, enable polarity and word width)
•
Supports one interrupt request and two DMA requests per channel.
For more detailed information on the SPI, see the Multichannel Serial Port Interface (McSPI) chapter of
the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature Number:
SPRUGZ8).
8.19.1 SPI Peripheral Register Descriptions
Table 8-104. SPI Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
SPI0
SPI1
SPI2
SPI3
0x4803 0000
0x481A 0000
0x481A 2000
0x481A 4000
MCSPI_HL_REV
SPI REVISION
0x4803 0004
0x481A 0004
0x481A 2004
0x481A 4004
MCSPI_HL_HWIN
SPI HARDWARE
FO
INFORMATION
0x4803 0008 -
0x481A 0008 -
0x481A 2008 -
0x481A 4008 -
-
RESERVED
0x4803 000C
0x481A 000C
0x481A 200C
0x481A 400C
0x4803 0010
0x481A 0010
0x481A 2010
0x481A 4010
MCSPI_HL_SYSC
SPI SYSTEM
ONFIG
CONFIGURATION
0x4803 0014 -
0x481A 0014 -
0x481A 2014 -
0x481A 4014 -
-
RESERVED
0x4803 00FF
0x481A 00FF
0x481A 20FF
0x481A 40FF
0x4803 0100
0x481A 0100
0x481A 2100
0x481A 4100
MCSPI_REVISION REVISION
0x4803 0104 -
0x481A 0104 -
0x481A 2104 -
0x481A 4104 -
-
RESERVED
0x4803 010C
0x481A 010C
0x481A 210C
0x481A 410C
0x4803 0110
0x481A 0110
0x481A 2110
0x481A 4110
MCSPI_SYSCONF SYSTEM CONFIGURATION
IG
0x4803 0114
0x481A 0114
0x481A 2114
0x481A 4114
MCSPI_SYSSTAT
SYSTEM STATUS
US
0x4803 0118
0x481A 0118
0x481A 2118
0x481A 4118
MCSPI_IRQSTATU INTERRUPT STATUS
S
0x4803 011C
0x481A 011C
0x481A 211C
0x481A 411C
MCSPI_IRQENABL INTERRUPT ENABLE
E
0x4803 0120
0x481A 0120
0x481A 2120
0x481A 4120
MCSPI_WAKEUPE WAKEUP ENABLE
NABLE
0x4803 0124
0x481A 0124
0x481A 2124
0x481A 4124
MCSPI_SYST
SYSTEM TEST
0x4803 0128
0x481A 0128
0x481A 2128
0x481A 4128
MCSPI_MODULCT MODULE CONTROL
RL
0x4803 012C
0x481A 012C
0x481A 212C
0x481A 412C
MCSPI_CH0CONF CHANNEL 0 CONFIGURATION
0x4803 0130
0x481A 0130
0x481A 2130
0x481A 4130
MCSPI_CH0STAT
CHANNEL 0 STATUS
0x4803 0134
0x481A 0134
0x481A 2134
0x481A 4134
MCSPI_CH0CTRL
CHANNEL 0 CONTROL
0x4803 0138
0x481A 0138
0x481A 2138
0x481A 4138
MCSPI_TX0
CHANNEL 0 TRANSMITTER
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
351
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com