Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 364 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 364 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 360Page - Texas Instruments TMS320DM814x Datasheet HTML 361Page - Texas Instruments TMS320DM814x Datasheet HTML 362Page - Texas Instruments TMS320DM814x Datasheet HTML 363Page - Texas Instruments TMS320DM814x Datasheet HTML 364Page - Texas Instruments TMS320DM814x Datasheet HTML 365Page - Texas Instruments TMS320DM814x Datasheet HTML 366Page - Texas Instruments TMS320DM814x Datasheet HTML 367Page - Texas Instruments TMS320DM814x Datasheet HTML 368Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 8-113. USB0 Controller Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4740 1000
USB0REV
USB0 REVISION
0x4740 1004 - 0x4740 1010
-
Reserved
0x4740 1014
USB0CTRL
USB0 Control
0x4740 1018
USB0STAT
USB0 Status
0x4740 101C
-
Reserved
0x4740 1020
USB0IRQMSTAT
USB0 IRQ_MERGED_STATUS
0x4740 1024
USB0IRQEOI
USB0 IRQ_EOI
0x4740 1028
USB0IRQSTATRAW0
USB0 IRQ_STATUS_RAW_0
0x4740 102C
USB0IRQSTATRAW1
USB0 IRQ_STATUS_RAW_1
0x4740 1030
USB0IRQSTAT0
USB0 IRQ_STATUS_0
0x4740 1034
USB0IRQSTAT1
USB0 IRQ_STATUS_1
0x4740 1038
USB0IRQENABLESET0
USB0 IRQ_ENABLE_SET_0
0x4740 103C
USB0IRQENABLESET1
USB0 IRQ_ENABLE_SET_1
0x4740 1040
USB0IRQENABLECLR0
USB0 IRQ_ENABLE_CLR_0
0x4740 1044
USB0IRQENABLECLR1
USB0 IRQ_ENABLE_CLR_1
0x4740 1048 - 0x4740 106C
-
Reserved
0x4740 1070
USB0TXMODE
USB0 Tx Mode
0x4740 1074
USB0RXMODE
USB0 Rx Mode
0x4740 1078 - 0x4740 107C
-
Reserved
0x4740 1080
USB0GENRNDISEP1
USB0 Generic RNDIS Size EP1
0x4740 1084
USB0GENRNDISEP2
USB0 Generic RNDIS Size EP2
0x4740 1088
USB0GENRNDISEP3
USB0 Generic RNDIS Size EP3
0x4740 108C
USB0GENRNDISEP4
USB0 Generic RNDIS Size EP4
0x4740 1090
USB0GENRNDISEP5
USB0 Generic RNDIS Size EP5
0x4740 1094
USB0GENRNDISEP6
USB0 Generic RNDIS Size EP6
0x4740 1098
USB0GENRNDISEP7
USB0 Generic RNDIS Size EP7
0x4740 109C
USB0GENRNDISEP8
USB0 Generic RNDIS Size EP8
0x4740 10A0
USB0GENRNDISEP9
USB0 Generic RNDIS Size EP9
0x4740 10A4
USB0GENRNDISEP10
USB0 Generic RNDIS Size EP10
0x4740 10A8
USB0GENRNDISEP11
USB0 Generic RNDIS Size EP11
0x4740 10AC
USB0GENRNDISEP12
USB0 Generic RNDIS Size EP12
0x4740 10B0
USB0GENRNDISEP13
USB0 Generic RNDIS Size EP13
0x4740 10B4
USB0GENRNDISEP14
USB0 Generic RNDIS Size EP14
0x4740 10B8
USB0GENRNDISEP15
USB0 Generic RNDIS Size EP15
0x4740 10BC - 0x4740 10CC
-
Reserved
0x4740 10D0
USB0AUTOREQ
USB0 Auto Req
0x4740 10D4
USB0SRPFIXTIME
USB0 SRP Fix Time
0x4740 10D8
USB0TDOWN
USB0 Teardown
0x4740 10DC
-
Reserved
0x4740 10E0
USB0UTMI
USB0 PHY UTMI
0x4740 10E4
USB0UTMILB
USB0 MGC UTMI Loopback
0x4740 10E8
USB0MODE
USB0 Mode
0x4740 10E8 - 0x4740 13FF
-
Reserved
0x4740 1400 - 0x4740 1468
-
USB0 Mentor Core Registers/FIFOs
0x4740 146C
USB0_HWVERS
USB0 Mentor Core Hardware Version Register
0x4740 1470 - 0x4740 159C
-
USB0 Mentor Core Registers/FIFOs
0x4740 15A0 - 0x4740 17FC
-
Reserved
364
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com