Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 108 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 108 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 104Page - Texas Instruments TMS320DM814x Datasheet HTML 105Page - Texas Instruments TMS320DM814x Datasheet HTML 106Page - Texas Instruments TMS320DM814x Datasheet HTML 107Page - Texas Instruments TMS320DM814x Datasheet HTML 108Page - Texas Instruments TMS320DM814x Datasheet HTML 109Page - Texas Instruments TMS320DM814x Datasheet HTML 110Page - Texas Instruments TMS320DM814x Datasheet HTML 111Page - Texas Instruments TMS320DM814x Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
3.2.14 Reset, Interrupts, and JTAG Interface
Table 3-25. RESET, Interrupts, and JTAG Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
RESET
IPU
–
RESET
J5
I
Device Reset input
DVDD
PINCNTL260
–
POR
F1
I
–
Power-On Reset input
DVDD
Reset output (RSTOUT) or watchdog out (WD_OUT)
DIS
–
RSTOUT_WD_OUT
K6
O
For more detailed information on RSTOUT_WD_OUT pin
DVDD
PINCNTL262
behavior, see Section 7.3.14, RSTOUT_WD_OUT Pin.
INTERRUPTS
IPU
–
NMI
H7
I
Non-Maskable Interrupt input
DVDD
PINCNTL261
Interrupt-capable general-purpose I/Os.
see
see
see
NOTE: All pins are multiplexed with other pin functions.
GP0[31:0]
I/O
Table 3-10
NOTE
Table 3-10
See Table 3-10, GP0 Terminal Functions table for muxing
and internal pullup/pulldown/disable details.
Interrupt-capable general-purpose I/Os.
see
see
see
NOTE: All pins are multiplexed with other pin functions.
GP1[31:0]
I/O
Table 3-11
NOTE
Table 3-11
See Table 3-11, GP1 Terminal Functions table for muxing
and internal pullup/pulldown/disable details.
Interrupt-capable general-purpose I/Os.
see
see
see
NOTE: All pins are multiplexed with other pin functions.
GP2[31:0]
I/O
Table 3-12
NOTE
Table 3-12
See Table 3-12, GP2 Terminal Functions table for muxing
and internal pullup/pulldown/disable details.
Interrupt-capable general-purpose I/Os.
see
see
see
NOTE: All pins are multiplexed with other pin functions.
GP3[31:0]
I/O
Table 3-13
NOTE
Table 3-13
See Table 3-13, GP3 Terminal Functions table for muxing
and internal pullup/pulldown/disable details.
JTAG
IPU
TCLK
W7
I
–
JTAG test clock input
DVDD
JTAG return clock output
IPU/DIS
The internal pullup (IPU) is enabled for this pin when the
RTCK
AD4
O
–
DVDD
device is in reset and the IPU is disabled (DIS) when reset
is released.
IPU
TDI
Y7
I
–
JTAG test data input
DVDD
IPU
TDO
AC5
O
–
JTAG test port data output
DVDD
IPU
JTAG test port mode select input. For proper operation, do
TMS
AA7
I
–
DVDD
not oppose the IPU on this pin.
IPD
TRST
AA4
I
–
JTAG test port reset input
DVDD
VOUT[0],
VOUT[0]_R_CR[2]/
IPD
GP2
EMU4/
AD9
I/O
Emulator pin 4
DVDD
PINCNTL196
GP2[26]
DSIS: PIN
VOUT[0],
VOUT[0]_G_Y_YC[2]/
IPD
GP2
EMU3/
AH7
I/O
Emulator pin 3
DVDD
PINCNTL188
GP2[24]
DSIS: PIN
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull during and after Reset. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
108
Device Pins
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com