Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 117 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 117 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 113Page - Texas Instruments TMS320DM814x Datasheet HTML 114Page - Texas Instruments TMS320DM814x Datasheet HTML 115Page - Texas Instruments TMS320DM814x Datasheet HTML 116Page - Texas Instruments TMS320DM814x Datasheet HTML 117Page - Texas Instruments TMS320DM814x Datasheet HTML 118Page - Texas Instruments TMS320DM814x Datasheet HTML 119Page - Texas Instruments TMS320DM814x Datasheet HTML 120Page - Texas Instruments TMS320DM814x Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 3-32. SPI 2 Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
EMAC[0],
EMAC[0]_GMTCLK/
EMAC[1], GPMC
EMAC[1]_RGRXC/
IPD
K23
I/O
PINCNTL249
GPMC_A[6]/
DVDD_GPMC
DSIS: PIN
SPI[2]_D[1]
MM: MUX2
VOUT[1]_R_CR[2]/
VOUT[1], GPMC,
GPMC_A[15]/
VIN[1]A, HDMI,
VIN[1]A_D[23]/
IPD
GP3
AE27
I/O
HDMI_HPDET/
DVDD
PINCNTL230
SPI[2]_D[1]/
DSIS: PIN
GP3[22]
MM: MUX1
GPMC_A[22]/
GPMC, HDMI,
SPI[2]_D[1]/
TIMER 4, GP1
IPU
HDMI_CEC/
AB27
I/O
PINCNTL111
DVDD_GPMC
TIM4_IO/
DSIS: PIN
GP1[17]
MM: MUX0
SPI Data I/O. Can be configured as either MISO or MOSI
EMAC[0],
EMAC[0]_MTXD[0]/
EMAC[1], GPMC
EMAC[1]_RGRXD[3]/
IPD
J24
I/O
PINCNTL250
GPMC_A[7]/
DVDD_GPMC
DSIS: PIN
SPI[2]_D[0]
MM: MUX2
VOUT[1]_B_CB_C[2]/
VOUT[1], GPMC,
GPMC_A[0]/
VIN[1]A, HDMI,
VIN[1]A_D[7]/
IPU
GP3
AF28
I/O
HDMI_CEC/
DVDD
PINCNTL231
SPI[2]_D[0]/
DSIS: PIN
GP3[30]
MM: MUX1
GPMC, GP1
GPMC_A[21]/
IPD
PINCNTL110
SPI[2]_D[0]/
AC28
I/O
DVDD_GPMC
DSIS: PIN
GP1[16]
MM: MUX0
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
117
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com