Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 122 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 122 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 118Page - Texas Instruments TMS320DM814x Datasheet HTML 119Page - Texas Instruments TMS320DM814x Datasheet HTML 120Page - Texas Instruments TMS320DM814x Datasheet HTML 121Page - Texas Instruments TMS320DM814x Datasheet HTML 122Page - Texas Instruments TMS320DM814x Datasheet HTML 123Page - Texas Instruments TMS320DM814x Datasheet HTML 124Page - Texas Instruments TMS320DM814x Datasheet HTML 125Page - Texas Instruments TMS320DM814x Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
3.2.19 Timer
Table 3-35. Timer Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
Timers 8-1 and Watchdog Timer 0
Timer 8 and Timer1
There are no external pins for these timers.
Timers TCLKIN
GP0
TCLKIN/
IPD
T2
I
PINCNTL60
Timer external clock input
GP0[30]
DVDD
DSIS: 0
Timer 7
GPMC_BE[1]/
GPMC, EDMA,
GPMC_A[24]/
GP1
IPD
EDMA_EVT1/
V28
I/O
PINCNTL132
DVDD_GPMC
TIM7_IO/
DSIS: PIN
GP1[30]
MM: MUX3
SD2_DAT4
GPMC_A[27]/
SD2, GPMC,
GPMC_A[23]/
EDMA, GP1
IPU
GPMC_CS[7]/
R24
I/O
PINCNTL116
DVDD_GPMC
EDMA_EVT0/
DSIS: PIN
TIM7_IO/
MM: MUX2
Timer 7 capture event input or PWM output
GP1[22]
VOUT[0]_AVID/
VOUT[0], SPI[3],
VOUT[0]_FLD/
GP2
IPD
SPI[3]_SCLK/
AA10
I/O
PINCNTL179
DVDD
TIM7_IO/
DSIS: PIN
GP2[21]
MM: MUX1
MCA[5], MCA[4],
MCA[5]_AXR[1]/
GP0
MCA[4]_AXR[3]/
IPD
L6
I/O
PINCNTL58
TIM7_IO/
DVDD
DSIS: PIN
GP0[28]
MM: MUX0
Timer 6
GPMC_BE[0]_CLE/
GPMC, EDMA,
GPMC_A[25]/
GP1
IPD
EDMA_EVT2/
U27
I/O
PINCNTL131
DVDD_GPMC
TIM6_IO/
DSIS: PIN
GP1[29]
MM: MUX3
SD2_DAT[5]/
SD2, GPMC, GP1
GPMC_A[26]/
IPU
PINCNTL115
GPMC_A[22]/
P22
I/O
DVDD_GPMC
DSIS: PIN
TIM6_IO/
MM: MUX2
GP1[21]
Timer 6 capture event input or PWM output
VOUT[1]_AVID/
VOUT[1],
EMAC[1]_MRXER/
EMAC[1], VIN[1]A,
VIN[1]A_CLK/
IPD
UART4, GP2
Y22
I/O
UART4_RTS/
DVDD
PINCNTL207
TIM6_IO/
DSIS: PIN
GP2[31]
MM: MUX1
MCA[4], GP0
MCA[4]_AXR[1]/
IPD
PINCNTL54
TIM6_IO/
J4
I/O
DVDD
DSIS: PIN
GP0[24]
MM: MUX0
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
122
Device Pins
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com