Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 127 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 127 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 123Page - Texas Instruments TMS320DM814x Datasheet HTML 124Page - Texas Instruments TMS320DM814x Datasheet HTML 125Page - Texas Instruments TMS320DM814x Datasheet HTML 126Page - Texas Instruments TMS320DM814x Datasheet HTML 127Page - Texas Instruments TMS320DM814x Datasheet HTML 128Page - Texas Instruments TMS320DM814x Datasheet HTML 129Page - Texas Instruments TMS320DM814x Datasheet HTML 130Page - Texas Instruments TMS320DM814x Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 3-38. UART2 Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
UART2
SD2_DAT[7]/
SD2, GPMC, GP1
GPMC_A[24]/
IPU
PINCNTL113
GPMC_A[20]/
L25
I
DVDD_GPMC
DSIS: 1
UART2_RXD/
MM: MUX3
GP1[19]
DCAN0, I2C[3],
DCAN0_RX/
GP1
UART2_RXD/
IPU
AG6
I
PINCNTL69
I2C[3]_SCL/
DVDD
DSIS: 1
GP1[1]
MM: MUX2
UART2 Receive Data Input. Functions as IrDA receive
input in IrDA modes and CIR receive input in CIR mode.
GP0
UART2_RXD/
IPD
PINCNTL59
U4
I
GP0[29]
DVDD
DSIS: 1
MM: MUX1
VOUT[1],
VOUT[1]_B_CB_C[1]/
CAMERA_I/F,
CAM_HS/
IPD
GPMC, GP0
GPMC_A[9]/
AE23
I
DVDD_C
PINCNTL172
UART2_RXD/
DSIS: 1
GP0[26]
MM: MUX0
SD2_DAT[6]/
SD2, GPMC, GP1
GPMC_A[25]/
IPU
PINCNTL114
GPMC_A[21]/
N23
O
DVDD_GPMC
DSIS: PIN
UART2_TXD/
MM: MUX3
GP1[20]
DCAN0, I2C[3],
DCAN0_TX/
GP1
UART2_TXD/
IPU
AH6
O
PINCNTL68
I2C[3]_SDA/
DVDD
DSIS: PIN
GP1[0]
MM: MUX2
UART2 Transmit Data Output. Functions as CIR
transmit output in CIR mode.
GP0
UART2_TXD/
IPD
PINCNTL61
U3
O
GP0[31]
DVDD
DSIS: PIN
MM: MUX1
VOUT[1],
VOUT[1]_B_CB_C[0]/
CAMERA_I/F,
CAM_VS/
IPU
GPMC, GP0
GPMC_A[10]/
AD23
O
DVDD_C
PINCNTL173
UART2_TXD/
DSIS: PIN
GP0[27]
MM: MUX0
VOUT[0]_FLD/
VOUT[0],
CAM_PCLK/
CAMERA_I/F,
UART2 Request to Send Output. Indicates module is
IPD
GPMC_A[12]/
AF18
O
GPMC, GP2
ready to receive data. Functions as transmit data output
DVDD_C
UART2_RTS/
PINCNTL175
in IrDA modes.
GP2[2]
DSIS: PIN
VOUT[1]_FLD/
VOUT[1],
CAM_FLD/
CAMERA_I/F,
CAM_WE/
IPD
UART2 Clear to Send Input. Functions as SD
AB23
I/O
GPMC, GP0
GPMC_A[11]/
DVDD_C
transceiver control output in IrDA and CIR modes.
PINCNTL174
UART2_CTS/
DSIS: 1
GP0[28]
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
127
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com