Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 150 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 150 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 146Page - Texas Instruments TMS320DM814x Datasheet HTML 147Page - Texas Instruments TMS320DM814x Datasheet HTML 148Page - Texas Instruments TMS320DM814x Datasheet HTML 149Page - Texas Instruments TMS320DM814x Datasheet HTML 150Page - Texas Instruments TMS320DM814x Datasheet HTML 151Page - Texas Instruments TMS320DM814x Datasheet HTML 152Page - Texas Instruments TMS320DM814x Datasheet HTML 153Page - Texas Instruments TMS320DM814x Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
3.2.26 Supply Voltages
Table 3-49. Supply Voltages Terminal Functions
SIGNAL
TYPE(1)
OTHER
DESCRIPTION
NAME
NO.
VREFSSTL_DDR[0]
G15
S
Reference Power Supply DDR[0]
VREFSSTL_DDR[1]
G14
S
Reference Power Supply DDR[1]
CVDD
K9, K12,
S
Variable Voltage Supply for the CORE_L Core Logic Voltage
K18, L15,
Domain
L17, L19,
For actual voltage supply ranges, see Section 6.2, Recommended
M16, M18,
Operating Conditions.
N17, N19,
P12, P14,
P16, R15,
R17, R19,
T12, U11,
U13, U17,
U19, W11
CVDD_ARM
T14, T15,
S
Variable Voltage Supply for the ARM_L Core Logic Voltage
T16, U15,
Domain
U16, V15,
For actual voltage supply ranges, see Section 6.2, Recommended
V16
Operating Conditions.
CVDD_DSP
K10, L9, L10,
S
Variable Voltage Supply for the DSP_L Core Logic Voltage
L11, L12,
Domain
M10, M12,
For actual voltage supply ranges, see Section 6.2, Recommended
N9
Operating Conditions.
CVDD_HDVICP
L14, M13,
S
Variable Voltage Supply for the HDVICP_L Core Logic Voltage
M14, N13,
Domain
N14
For actual voltage supply ranges, see Section 6.2, Recommended
Operating Conditions.
DVDD
M8, N7, P8,
S
3.3 V/1.8 V Power Supply for General I/Os
T7, U21,
U22,
V20,Y11,
Y16, AA15,
AA17, AB14,
AB16
DVDD_GPMC
K20, L21,
S
3.3 V/1.8 V Power Supply for GPMC I/Os (that is, GPMC, SD2,
M20
and so forth)
DVDD_GPMCB
P20, T20
S
3.3 V/1.8 V Power Supply for GPMCB I/Os
DVDD_SD
P7, P9
S
3.3 V/1.8 V Power Supply for MMC/SD/SDIO I/Os (specifically,
SD0, SD1, and pin W6)
DVDD_DDR[0]
E20, E21,
S
1.5 V/1.8 V Power Supply for DDR[0] I/Os
G16, H16,
H17, J15,
J16, J17, J18
DVDD_DDR[1]
E8, E9, G13,
S
1.5 V/1.8 V Power Supply for DDR[1] I/Os
H12, H13,
H14, J10,
J11, J13
DVDD_M
R10
S
1.8 V Power Supply . For proper device operation, this pin must
always be connected to a 1.8-V Power Supply.
DVDD_C
W19, W20
S
3.3 V/1.8 V Power Supply for Camera I/F I/Os
VDDA_ARMPLL_1P8
R13
S
1.8 V Analog Power Supply for PLL_ARM and PLL_SGX
VDDA_DSPPLL_1P8
P11
S
1.8 V Analog Power Supply for PLL_DSP and PLL_HDVICP
VDDA_VID0PLL_1P8
AB18
S
1.8 V Analog Power Supply for PLL_VIDEO0
VDDA_VID1PLL_1P8
AA18
S
1.8 V Analog Power Supply for PLL_VIDEO1
VDDA_AUDIOPLL_1P8
R18
S
1.8 V Analog Power Supply for PLL_AUDIO
VDDA_DDRPLL_1P8
H15
S
1.8 V Analog Power Supply for PLL_DDR
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
150
Device Pins
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com