Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP2221
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP2221 Datasheet HTML 19Page - Microchip Technology MCP2221 Datasheet HTML 20Page - Microchip Technology MCP2221 Datasheet HTML 21Page - Microchip Technology MCP2221 Datasheet HTML 22Page - Microchip Technology MCP2221 Datasheet HTML 23Page - Microchip Technology MCP2221 Datasheet HTML 24Page - Microchip Technology MCP2221 Datasheet HTML 25Page - Microchip Technology MCP2221 Datasheet HTML 26Page - Microchip Technology MCP2221 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
 2015 Microchip Technology Inc.
DS20005292B-page 23
MCP2221
3.0
USB HID COMMUNICATION
Except for the USB CDC and UART modules, all the
other modules in the MCP2221 use USB HID protocol
for communication.
The USB HID protocol uses 64-byte reports.
A typical command exchange starts with a 64-byte
packet that is written by the USB Host (i.e., the PC).
Afterward, the USB Host reads the response from the
device as a 64-byte packet.
3.1
USB HID Commands/Responses
3.1.1
STATUS/SET PARAMETERS
This command offers many options for this device. It is
used to poll for the status of the device. It is also used
to establish certain I2C bus parameters/conditions.
TABLE 3-1:
COMMAND STRUCTURE
Byte
Index
Function Description
Value
Effect
0
0x10
Status/Set Parameters – command code
1
Don’t care
Any value
2
Cancel current I2C/SMBus
transfer (sub-command)
0x10
When this value is put in this field, the device will cancel the
current I2C/SMBus transfer and will attempt to free the I2C bus.
This command is very useful since it can cancel a transfer and
free the bus. An example would be when trying to communicate
with a device using a wrong address. This will cause a timeout
to occur. This timeout situation can be read using the
“Status/Set Parameter” and the cancellation of the I2C/SMBus
transfer can be achieved by this sub-command.
Any other
value
No effect.
3Set I2C/SMBus communication
speed (sub-command)
0x20
When this value is put in this field, the device will take the next
command field and interpret it as the system clock divider that
will give the I2C/SMBus communication clock.
Any other
value
No effect.
4The I2C/SMBus system clock
divider that will be used to
establish the communication
speed
The value in this field is being taken into consideration only
when the Byte Index 3 contains the code for establishing a new
communication speed. In all the other cases, this field’s value
won’t matter.
5-63
Don’t care
Any value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com