Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP2221
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP2221 Datasheet HTML 38Page - Microchip Technology MCP2221 Datasheet HTML 39Page - Microchip Technology MCP2221 Datasheet HTML 40Page - Microchip Technology MCP2221 Datasheet HTML 41Page - Microchip Technology MCP2221 Datasheet HTML 42Page - Microchip Technology MCP2221 Datasheet HTML 43Page - Microchip Technology MCP2221 Datasheet HTML 44Page - Microchip Technology MCP2221 Datasheet HTML 45Page - Microchip Technology MCP2221 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
MCP2221
DS20005292B-page 42
 2015 Microchip Technology Inc.
3.1.8
I2C™ READ DATA
This command is used to read user-given data to the
I2C Slave device (the speed is specified by the
STATUS/SET Parameters command).
The command will have the following effects:
•The I2C engine will send the “START” condition.
• The selected I2C slave address is sent next and
the I2C engine will wait for the slave to send an
acknowledge bit.
• The user data is read next and the I2C engine
sends the acknowledge bit to the slave.
• If the requested length is more than 60 bytes,
subsequent user bytes will be read from the I2C
slave on the bus.
• When the user data length (being sent on the bus)
reaches the requested length, the I2C engine will
send the “STOP” condition on the bus.
3.1.8.1
Responses
TABLE 3-26:
COMMAND STRUCTURE
Byte
Index
Value
Effect
00x91
I2C Read Data – command code
1
Low Byte Requested I2C transfer length – 16-bit value – low byte
2
High Byte Requested I2C transfer length – 16-bit value – high byte
3I2C Slave
Address
8-bit value representing the I2C slave address to communicate with (even – address to write,
odd – address to read) (Note 1)
4-63
Don’t
care
Note 1:
The I2C slave address is represented on 8 bits, with even values for writes and odd for reads. To get the
8-bit address value out of a 7-bit address, the 7-bit value needs to be shifted left by 1 position. For write
operations use the shifted value, while for reads add 1 to the shifted value.
TABLE 3-27:
RESPONSE 1 STRUCTURE
Byte
Index
Value
Effect
00x91
I2C Read Data – command code echo
1
0x00
Command completed successfully
0x01
I2C Engine is busy (command not completed)
2
Internal I2C Engine state (at the moment the command was issued) – useful for monitoring the I2C
Engine’s status
3-63
Don’t
care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com