Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP2221
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP2221 Datasheet HTML 13Page - Microchip Technology MCP2221 Datasheet HTML 14Page - Microchip Technology MCP2221 Datasheet HTML 15Page - Microchip Technology MCP2221 Datasheet HTML 16Page - Microchip Technology MCP2221 Datasheet HTML 17Page - Microchip Technology MCP2221 Datasheet HTML 18Page - Microchip Technology MCP2221 Datasheet HTML 19Page - Microchip Technology MCP2221 Datasheet HTML 20Page - Microchip Technology MCP2221 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
 2015 Microchip Technology Inc.
DS20005292B-page 17
MCP2221
The provided VDD voltage has a direct influence on the
voltage levels present on the GPIO and UART TX/RX
pins. When VDD is 5V, all of these pins will have a
logical ‘1’ around 5V with the variations specified in
Section 4.1 “DC Characteristics”.
For applications that require a 3.3V logical ‘1’ level,
VDD must be connected to a power supply providing
the 3.3V voltage. In this case, the internal USB
transceiver LDO cannot provide the required 3.3V
power. It is necessary to also connect the VUSB pin of
the MCP2221 to the 3.3V power supply rail. This way,
the USB transceiver is powered up directly from the
3.3V power supply.
1.6.2.2
USB Bus-Powered (5V)
In Bus Power Only mode, all power for the application
is drawn from the USB (Figure 1-3). This is effectively
the simplest power method for the device.
FIGURE 1-3:
BUS POWER ONLY
In order to meet the inrush current requirements of the
USB 2.0 specifications, the total effective capacitance
appearing across VBUS and ground must be no more
than 10 µF. If it is more than 10 µF, some kind of inrush
limiting is required. For more details on Inrush Current
Limiting, search for that subject in the latest “Universal
Serial Bus Specification”.
According to the USB 2.0 specification, all USB devices
must also support a Low-Power Suspend mode. In the
USB Suspend mode, devices must consume no more
than 500 µA (or 2.5 mA for high-powered devices that
are remote wake-up capable) from the 5V VBUS line of
the USB cable.
The host signals the USB device to enter Suspend
mode by stopping all USB traffic to that device for more
than 3 ms.
The USB bus provides a 5V voltage. However, the USB
transceiver requires 3.3V for the signaling (on D+ and
D- lines).
During USB Suspend mode, the D+ or D- pull-up
resistor must remain active, which will consume some
of
the
allowed
suspend
current
budget
(500 µA/2.5 mA). The VUSB pin requires an external
bypass capacitor with a value between 0.22 and
0.47 µF (ceramic cap).
Figure 1-4 shows a circuit where MCP2221’s internal
LDO is used to provide 3.3V to the USB transceiver.
The voltage on the VDD affects the voltage levels onto
the UART and GPIO pins. With VDD at 5V, these pins
will have a logic ‘1’ of 5V with the variations specified in
Section 4.1 “DC Characteristics”.
FIGURE 1-4:
TYPICAL POWER SUPPLY
OPTION USING THE 5V
PROVIDED BY THE USB
VDD
VUSB
VSS
VBUS
LDO
3.3V
USB
Transceiver
D+
VDD
VUSB
D-
IN
OUT
5V (USB Bus)
or external
power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com