Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP2221
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP2221 Datasheet HTML 24Page - Microchip Technology MCP2221 Datasheet HTML 25Page - Microchip Technology MCP2221 Datasheet HTML 26Page - Microchip Technology MCP2221 Datasheet HTML 27Page - Microchip Technology MCP2221 Datasheet HTML 28Page - Microchip Technology MCP2221 Datasheet HTML 29Page - Microchip Technology MCP2221 Datasheet HTML 30Page - Microchip Technology MCP2221 Datasheet HTML 31Page - Microchip Technology MCP2221 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
MCP2221
DS20005292B-page 28
 2015 Microchip Technology Inc.
7
Bit 7
Don’t
care
Bit 6: Interrupt detection – negative
edge
If set, the interrupt detection flag will be set when a
negative edge occurs.
Bit 5: Interrupt detection – positive
edge
If set, the interrupt detection flag will be set when a positive
edge occurs.
Bit 4-3: ADC Reference Voltage
11
Reference voltage is 4.096V (only if VDD is above this
voltage)
10
Reference voltage is 2.048V
01
Reference voltage is 1.024V
00
Reference voltage is off (this is useful for the case in which
the ADC uses other reference than VRM ADC; e.g., VDD)
Bit 2
1
DAC reference is VDD DAC voltage
0
DAC reference is VRM
Bit 1
Don’t
care
Bit 0
Don’t
care
8
Lower byte of the 16-bit USB VID
value
9
Higher byte of the 16-bit USB VID
value
10
Lower byte of the 16-bit USB PID
value
11
Higher byte of the 16-bit USB PID
value
12
USB power attributes(1)
This value will be used by the MCP2221’s USB
Configuration Descriptor (power attributes value) during the
USB enumeration.
13
USB requested number of mA(s)(1)
The requested mA value during the USB enumeration will
represent the value at this index multiplied by 2.
14-63 Don’t care
Note 1:
Please consult the USB 2.0 specification for details on the correct values for power and attributes
TABLE 3-5:
RESPONSE STRUCTURE – READ CHIP SETTINGS SUB-COMMAND (CONTINUED)
Byte
Index
Function Description
Value
Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com