Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221 Datasheet(PDF) 50 Page - Microchip Technology

Part # MCP2221
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221 Datasheet(HTML) 50 Page - Microchip Technology

Back Button MCP2221 Datasheet HTML 46Page - Microchip Technology MCP2221 Datasheet HTML 47Page - Microchip Technology MCP2221 Datasheet HTML 48Page - Microchip Technology MCP2221 Datasheet HTML 49Page - Microchip Technology MCP2221 Datasheet HTML 50Page - Microchip Technology MCP2221 Datasheet HTML 51Page - Microchip Technology MCP2221 Datasheet HTML 52Page - Microchip Technology MCP2221 Datasheet HTML 53Page - Microchip Technology MCP2221 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 80 page
background image
MCP2221
DS20005292B-page 50
 2015 Microchip Technology Inc.
5
ADC Voltage Reference – this allows the user to modify the ADC reference voltage
Bit 7: Enable loading of a
new ADC reference
1
Bits 2-0 will be used for ADC reference voltage selection
0
ADC reference will remain unaltered
Bit 6-3
Don’t
care
Bit 2-1: These bits are
used to change the DAC
VRM voltage
11
VRM voltage is 4.096V (only if VDD is higher than this value)
10
VRM voltage is 2.048V
01
VRM voltage is 1.024V
00
VRM voltage is off
Bit 0: This bit is used to
change the DAC
reference voltage
1
VDD ADC voltage reference is the internal ADC voltage reference
module (ADC VRM)
0
ADC voltage reference is VDD
6
Setup the interrupt detection mechanism and clear the detection flag – useful for preparing the interrupt
detection module to detect a new interrupt condition
Bit 7: Enable the
modification of the
interrupt detection
conditions
1
The interrupt detection settings and flag will change
0
The interrupt detection settings and flag will remain unchanged
Bit 6-5
Don’t
care
Bit 4
Enable the modification of the positive edge detection
Bit 3: The new value for
the positive edge
detector
1
Interrupt detection will trigger on positive edges
0
Interrupt detection will not trigger on positive edges
Bit 2
Enable the modification of the negative edge detection
Bit 1: The new value for
the negative edge
detector
1
Interrupt detection will trigger on negative edges
0
Interrupt detection will not trigger on negative edges
Bit 0: Clear the interrupt
detection flag
1
Clear the interrupt detection flag
0
Leave the interrupt detection flag as is
7
Alter GPIO configuration:
alters the current GP
designation
1
Alter the GP designation. The values from Byte Index 8 will be used to
load a new set of values into the SRAM GP settings.
0
Do not alter the current GP designation
8
GP0 settings
Bit 7-5
Don’t
care
Bit 4: GPIO Output value
When GP0 is set as an output GPIO, this value will be present at the
GP0 pin
Bit 3: GPIO Direction
(Input/Output) – Works
only when GP0 is set for
GPIO operation
1
GPIO Input mode
0
GPIO Output mode
Bit 2-0: GP0 Designation
111-011 Don’t care
010
Alternate function 0 (LED UART RX)
001
Dedicated function operation (SSPND)
000
GPIO operation
TABLE 3-36:
COMMAND STRUCTURE (CONTINUED)
Byte
Index
Function Description
Value
Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com