Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221 Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP2221
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221 Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP2221 Datasheet HTML 34Page - Microchip Technology MCP2221 Datasheet HTML 35Page - Microchip Technology MCP2221 Datasheet HTML 36Page - Microchip Technology MCP2221 Datasheet HTML 37Page - Microchip Technology MCP2221 Datasheet HTML 38Page - Microchip Technology MCP2221 Datasheet HTML 39Page - Microchip Technology MCP2221 Datasheet HTML 40Page - Microchip Technology MCP2221 Datasheet HTML 41Page - Microchip Technology MCP2221 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
MCP2221
DS20005292B-page 38
 2015 Microchip Technology Inc.
3.1.4
SEND FLASH ACCESS PASSWORD
This command is used to send a user-supplied
password that will be compared to the one stored in the
device’s Flash when Flash updates (Chip/GP
configuration, USB strings) are required and the Flash
data is password-protected.
In the case where no protection mechanism is in place
or the Flash data has been permanently locked, this
command has no meaning.
3.1.4.1
Responses
TABLE 3-18:
COMMAND STRUCTURE
Byte
Index
Value
Effect
0
0xB2
Send Flash Access Password – command code
1Don’t
care
2
Password byte 1
3
Password byte 2
4
Password byte 3
5
Password byte 4
6
Password byte 5
7
Password byte 6
8
Password byte 7
9
Password byte 8
10-63
Don’t care
TABLE 3-19:
RESPONSE 1 STRUCTURE
Byte
Index
Value
Effect
0
0xB2
Send Flash Access Password – command code echo
1
0x00
Command completed successfully
0x03
Command not allowed (when the number of failed Flash updates has been reached, no password
will be accepted)
2-63
Don’t
care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com