Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP2221
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP2221 Datasheet HTML 27Page - Microchip Technology MCP2221 Datasheet HTML 28Page - Microchip Technology MCP2221 Datasheet HTML 29Page - Microchip Technology MCP2221 Datasheet HTML 30Page - Microchip Technology MCP2221 Datasheet HTML 31Page - Microchip Technology MCP2221 Datasheet HTML 32Page - Microchip Technology MCP2221 Datasheet HTML 33Page - Microchip Technology MCP2221 Datasheet HTML 34Page - Microchip Technology MCP2221 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
 2015 Microchip Technology Inc.
DS20005292B-page 31
MCP2221
TABLE 3-9:
RESPONSE STRUCTURE – READ USB SERIAL NUMBER DESCRIPTOR STRING
SUB-COMMAND
Byte Index
Value
Effect
0
0xB0 Read Flash Data – command code echo
1
0x00 Command completed successfully
2
(2)
The number of bytes + 2 in the provided USB Serial Number
Descriptor String.
The actual String starts at Byte Index 4
3
0x03 The value at this index must always be 0x03
4 + 2 x Unicode_char_number + 0(1)
Lower byte of the 16-bit Unicode character
4 + 2 x Unicode_char_number + 1(1)
Higher byte of the 16-bit Unicode character
(4 + 2 x Unicode_char_number + 2) - 63(1)
Don’t care.
Only if the USB string descriptor is less than 60-bytes long in
total.
Note 1:
“Unicode_char_number” value starts from 0 to a maximum of 30 (included).
2:
The value at Byte Index 2 must be 2 + 2 x (number of Unicode characters in the string).
TABLE 3-10:
RESPONSE STRUCTURE – READ CHIP FACTORY SERIAL NUMBER
SUB-COMMAND(1)
Byte Index
Value
Effect
0
0xB0
Read Flash Data – command code echo
1
0x00
Command completed successfully
2
Structure length
3Don’t
care
4 - (4 + Structure length - 1)
Structure data – Factory Serial Number String
(4 + Structure length) - 63
Don’t
care
Note 1:
The Chip Serial Number is typically 8 bytes in length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com