Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221 Datasheet(PDF) 60 Page - Microchip Technology

Part # MCP2221
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221 Datasheet(HTML) 60 Page - Microchip Technology

Back Button MCP2221 Datasheet HTML 56Page - Microchip Technology MCP2221 Datasheet HTML 57Page - Microchip Technology MCP2221 Datasheet HTML 58Page - Microchip Technology MCP2221 Datasheet HTML 59Page - Microchip Technology MCP2221 Datasheet HTML 60Page - Microchip Technology MCP2221 Datasheet HTML 61Page - Microchip Technology MCP2221 Datasheet HTML 62Page - Microchip Technology MCP2221 Datasheet HTML 63Page - Microchip Technology MCP2221 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 80 page
background image
MCP2221
DS20005292B-page 60
 2015 Microchip Technology Inc.
4.1
DC CHARACTERISTICS
DC Characteristics
Operating Conditions (unless otherwise indicated):
3.0V
 VDD  5.5V at -40C  TA  +85C (I-Temp)
Param.
No.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
D001 Supply Voltage
VDD
3.0
—
5.5
V
POR
Release Voltage
VPOR
1.6
V
POR
Rearm Voltage
0.8
V
D003 VDD Rise Rate to Ensure
POR
SVDD
0.05
—
—
V/ms Design guidance only
Not tested
D004 Supply Current
IDD
VDD =3.0V
—
10
12
mA
FOSC =12 MHz,
(330 nF on VUSB)
VDD =5.0V
—
13
15
mA
D005 Standby Current
IDDS
—46
—
µA
Input Low-Voltage
D031 Schmitt Trigger (URX)
VIL
——
0.2 VDD
V3.0V
 VDD  5.5V
TTL (GP pins)
—
—
0.8
4.5V
 VDD  5.5V
Input High-Voltage
D041 Schmitt Trigger (URX)
VIH
0.8 VDD
—VDD
V3.0V
 VDD  5.5V
TTL (GP pins)
2.0
—
VDD
4.5V
 VDD  5.5V
Input Leakage Current
D060 GP, URX
IIL
—
±50
±100
nA
VSS
 VPIN  VDD,
pin at Hi-Z
Output Low-Voltage
D080 GP, UTX
VOL
——
0.6
V
IOL = 8.0 mA, VDD =5.0V
——
0.6
IOL = 6.0 mA, VDD =3.3V
Output High-Voltage
D090 GP, UTX
VOH
VDD –0.7
—
—
V
IOH =-3.5mA, VDD =5.0V
VDD –0.7
—
—
IOH =-3.0mA, VDD =3.3V
Capacitive Loading Specs on Output Pins
D102 GPIO
CIO
——
50
pF
Note 1
Note 1: Characterized only, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com