Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221 Datasheet(PDF) 77 Page - Microchip Technology

Part # MCP2221
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221 Datasheet(HTML) 77 Page - Microchip Technology

Back Button MCP2221 Datasheet HTML 72Page - Microchip Technology MCP2221 Datasheet HTML 73Page - Microchip Technology MCP2221 Datasheet HTML 74Page - Microchip Technology MCP2221 Datasheet HTML 75Page - Microchip Technology MCP2221 Datasheet HTML 76Page - Microchip Technology MCP2221 Datasheet HTML 77Page - Microchip Technology MCP2221 Datasheet HTML 78Page - Microchip Technology MCP2221 Datasheet HTML 79Page - Microchip Technology MCP2221 Datasheet HTML 80Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 77 / 80 page
background image
 2015 Microchip Technology Inc.
DS20005292B-page 77
MCP2221
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip sales office
.
Device:
MCP2221:
USB-to-I2C/UART Protocol Converter
MCP2221T:
USB-to-I2C/UART Protocol Converter
(Tape and Reel)
Temperature Range: I=
-40
C to +85C (Industrial)
Package:
ML
= Plastic Quad Flat, No Lead Package – 4x4x0.9 mm
Body (QFN), 16-Lead
P
= Plastic Dual In Line, 300 mil. Body (PDIP), 14-Lead
SL
= Plastic Small Outline – Narrow, 3.90 mm Body
(SOIC), 14-Lead
ST
= Plastic Thin Shrink Small Outline – 4.4 mm Body
(TSSOP), 14-Lead
Examples:
a)
MCP2221- I/P:
Industrial temperature,
14LD PDIP Package
a)
MCP2221- I/SL:
Industrial temperature,
14LD SOIC Package
b)
MCP2221T- I/SL:
Tape and Reel,
Industrial temperature,
14LD SOIC Package
a)
MCP2221- I/ST:
Industrial temperature,
14LD TSSOP Package
b)
MCP2221T- I/ST:
Tape and Reel,
Industrial temperature,
14LD TSSOP Package
a)
MCP2221- I/ML:
Industrial temperature,
16LD 4x4 QFN Package
b)
MCP2221T- I/ML:
Tape and Reel,
Industrial temperature,
16LD 4x4 QFN Package
PART NO.
X
/XX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Option
Note 1:
Tape and Reel identifier only appears in the catalog part number description.
This identifier is used for ordering purposes and is not printed on the device
package. Check with your Microchip Sales Office for package availability with
the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com