Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP2221
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221 Datasheet(HTML) 4 Page - Microchip Technology

  MCP2221 Datasheet HTML 1Page - Microchip Technology MCP2221 Datasheet HTML 2Page - Microchip Technology MCP2221 Datasheet HTML 3Page - Microchip Technology MCP2221 Datasheet HTML 4Page - Microchip Technology MCP2221 Datasheet HTML 5Page - Microchip Technology MCP2221 Datasheet HTML 6Page - Microchip Technology MCP2221 Datasheet HTML 7Page - Microchip Technology MCP2221 Datasheet HTML 8Page - Microchip Technology MCP2221 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
MCP2221
DS20005292B-page 4
 2015 Microchip Technology Inc.
1.1
Supported Operating Systems
The following operating systems are supported:
• Windows – XP (SP3), Vista, 7, 8 and 8.1
•Linux® – any distribution with support for CDC
and HID classes
•Mac OS® – all versions – beginning with 10.7
1.1.1
ENUMERATION
The MCP2221 enumerates as a composite USB device
after POR. The device enumerates as both a Human
Interface Device (HID) for I2C, GPIO control, and as
CDC for the USB-to-UART converter.
1.1.1.1
USB HID
The MCP2221 enumerates as an HID, so the device
can be configured, while the I2C and GPIO can be
controlled. A DLL package, with example applications
and tools, is supplied by Microchip on the device web
page, on the Microchip web site www.microchip.com.
1.1.1.2
USB CDC
The CDC enumeration implements the USB-to-UART
data translation.
1.2
Bus-Matrix Module
The Bus-Matrix module is the heart of the MCP2221.
All other modules are tied together and controlled via
the Bus-Matrix module. This module manages the data
transfers between the USB and the UART, the I2C
Master module, as well as the command requests
generated by the USB host controller and commands
for controlling the function of the UART, GPIO, ADC,
DAC and Clock Output.
1.2.1
UART
The control module interfaces to the UART and USB
modules.
1.2.2
ACCESSING THE DEVICE
The MCP2221 can be accessed for reading and writing
via USB host commands. The device cannot be
accessed or controlled via the UART interface.
1.3
UART Interface
The MCP2221 UART interface consists of the TX and
RX data signals.
The UART is configurable for several baud rates. The
available baud rates are listed in Table 1-2.
1.3.1
GET/SET LINE CODING
The GET_LINE_CODING and SET_LINE_CODING
commands are used to read and set the UART
parameters while in operation. For example, terminal
applications (e.g., Putty, RealTerm, Hyperterminal,
etc.) send the SET_LINE_COMMAND when connecting
to the port. The MCP2221 responds by setting the baud
rate only.
The other parameters (Data Bits, Parity, Stop Bits)
remain unchanged.
1.3.1.1
Rounding Errors
Primary baud rate settings (with associated rounding
errors) are shown in Table 1-2.
If baud rates other than the ones shown in the table are
used, the error percentage can be calculated using
Equation 1-1 to find the actual baud rate.
EQUATION 1-1:
SOLVING FOR ACTUAL
BAUD RATE
1.3.2
CUSTOM BAUD RATES
Custom baud rates are configured by sending the
SET_LINE_CODING USB command. See Section 2.0
“USB Enumeration Process” for more information.
Note:
MCP2221 supports only eight Data bits,
no Parity, and one Stop bit.
TABLE 1-2:
UART PRIMARY BAUD
RATES
Desired Rate
Actual rate
% Error
300
300
0.00%
1200
1200
0.00%
2400
2400
0.00%
4800
4800
0.00%
9600
9600
0.00%
19200
19200
0.00%
38400
38339
0.16%
57600
57692
0.16%
115200
115385
0.16%
ActualRate
12MHz
int x

------------------
=
Where:
x
12MHz
DesiredBaud
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com