Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221 Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP2221
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP2221 Datasheet HTML 30Page - Microchip Technology MCP2221 Datasheet HTML 31Page - Microchip Technology MCP2221 Datasheet HTML 32Page - Microchip Technology MCP2221 Datasheet HTML 33Page - Microchip Technology MCP2221 Datasheet HTML 34Page - Microchip Technology MCP2221 Datasheet HTML 35Page - Microchip Technology MCP2221 Datasheet HTML 36Page - Microchip Technology MCP2221 Datasheet HTML 37Page - Microchip Technology MCP2221 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
MCP2221
DS20005292B-page 34
 2015 Microchip Technology Inc.
5
Bit 7
Don’t
care
Bit 6: Interrupt detection –
negative edge
If set, the interrupt detection flag will be set when a negative
edge occurs.
Bit 5: Interrupt detection –
positive edge
If set, the interrupt detection flag will be set when a positive edge
occurs.
Bit 4-3: ADC Reference Voltage
11
Reference voltage is 4.096V (only if VDD is above this voltage).
10
Reference voltage is 2.048V
01
Reference voltage is 1.024V
00
Reference voltage is off (this is useful for the case in which the
ADC uses other reference than VRM ADC; e.g., VDD)
Bit 2: ADC Reference Option
1
ADC reference voltage is VRM ADC
0
ADC reference voltage is VDD
Bit 1
Don’t
care
Bit 0
Don’t
care
6
Lower byte of the 16-bit USB VID
value.
7
Higher byte of the 16-bit USB
VID value.
8
Lower byte of the 16-bit USB PID
value.
9
Higher byte of the 16-bit USB
PID value.
10
USB power attributes
This value will be used by the MCP2221’s USB Configuration
Descriptor (power attributes value) during the USB enumeration.
11
USB requested number of mA(s)
The requested mA value during the USB enumeration will
represent the value at this index multiplied by 2.
12-19 8-bytes password (for Flash
modifications protection)
20-63
Don’t
care
TABLE 3-12:
SUB-COMMAND STRUCTURE – WRITE CHIP SETTINGS SUB-COMMAND
Byte
Index
Function Description
Value
Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com