Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP2221
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP2221 Datasheet HTML 4Page - Microchip Technology MCP2221 Datasheet HTML 5Page - Microchip Technology MCP2221 Datasheet HTML 6Page - Microchip Technology MCP2221 Datasheet HTML 7Page - Microchip Technology MCP2221 Datasheet HTML 8Page - Microchip Technology MCP2221 Datasheet HTML 9Page - Microchip Technology MCP2221 Datasheet HTML 10Page - Microchip Technology MCP2221 Datasheet HTML 11Page - Microchip Technology MCP2221 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
MCP2221
DS20005292B-page 8
 2015 Microchip Technology Inc.
REGISTER 1-2:
CHIPSETTING1 REGISTER
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-0
CLKDC1
CLKDC0
CLKDIV2
CLKDIV1
CLKDIV0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Reserved: Set to ‘0’
bit 4-3
CLKDC<1:0>: Clock-Out Duty-Cycle
11 = Duty cycle 75% (75% of 1 clock period is logic ‘1’ and 25% of 1 clock period is logic ‘0’)
10 = Duty cycle 50% (50% of 1 clock period is logic ‘1’ and 50% of 1 clock period is logic ‘0’)
(factory default)
01 = Duty cycle 25% (25% of 1 clock period is logic ‘1’ and 75% of 1 clock period is logic ‘0’)
00 = Duty cycle 0% (100% of 1 clock period is logic ‘0’)
bit 2-0
CLKDIV<2:0>: Clock-Out Divider Output
111 = 375 kHz clock output
110 = 750 kHz clock output
101 = 1.5 MHz clock output
100 = 3 MHz clock output
011 = 6 MHz clock output
010 = 12 MHz clock output (factory default)
001 = 24 MHz clock output
000 =Reserved
REGISTER 1-3:
CHIPSETTING2 REGISTER
R/W-1
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
DACVRM1
DACVRM0
DACREF
DACVAL4
DACVAL3
DACVAL2
DACVAL1
DACVAL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
DACVRM<1:0>: DAC Internal Voltage Reference (DAC VRM) Selection
11 = VRM voltage is 4.096V (only if VDD is above this voltage)
10 = VRM voltage is 2.048V (factory default)
01 = VRM voltage is 1.024V
00 = VRM is off
bit 5
DACREF: DAC Reference Output Selection
1 = DAC reference output is DAC VRM voltage selection
0 = DAC reference output is VDD (factory default)
bit 4-0
DACVAL<4:0>: Initial DAC Output Value
5-bit value for the DAC output (factory default is 8 decimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com