Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP2221
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP2221 Datasheet HTML 5Page - Microchip Technology MCP2221 Datasheet HTML 6Page - Microchip Technology MCP2221 Datasheet HTML 7Page - Microchip Technology MCP2221 Datasheet HTML 8Page - Microchip Technology MCP2221 Datasheet HTML 9Page - Microchip Technology MCP2221 Datasheet HTML 10Page - Microchip Technology MCP2221 Datasheet HTML 11Page - Microchip Technology MCP2221 Datasheet HTML 12Page - Microchip Technology MCP2221 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
 2015 Microchip Technology Inc.
DS20005292B-page 9
MCP2221
REGISTER 1-4:
CHIPSETTING3 REGISTER
R/W-0
R/W-1
R/W-1
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
INTDETFEEN INTDETREEN ADCVRM1
ADCVRM0
ADCREF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Reserved: Set to ‘0’
bit 6
INTDETFEEN: Interrupt Falling Edge Detect Enable
1 = Interrupt detector will trigger when a falling edge is detected (factory default)
0 = Falling edges will not trigger the detector
bit 5
INTDETREEN: Interrupt Rising Edge Detect Enable
1 =
Interrupt detector will trigger when a rising edge is detected (factory default)
0 =
Rising edges will not trigger the detector
bit 4-3
ADCVRM<1:0>: ADC Internal Voltage Reference (ADC VRM) Selection
11 = VRM voltage is 4.096V (only if VDD is above this voltage)
10 = VRM voltage is 2.048V
01 = VRM voltage is 1.024V (factory default)
00 = VRM is off
bit 2
ADCREF: ADC Reference Output Selection
1 =
ADC reference output is ADC VRM voltage selection (factory default)
0 =
ADC reference output is VDD
bit 1-0
Reserved: Set to ‘0’
REGISTER 1-5:
USBVIDL REGISTER
R/W-1
R/W-1
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
USBVIDL7
USBVIDL6
USBVIDL5
USBVIDL4
USBVIDL3
USBVIDL2
USBVIDL1
USBVIDL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
USBVIDL<7:0>: USB VID Lower Byte (factory default: 0xD8(hex))
REGISTER 1-6:
USBVIDH REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
USBVIDH7
USBVIDH6
USBVIDH5
USBVIDH4
USBVIDH3
USBVIDH2
USBVIDH1
USBVIDH0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
USBVIDH<7:0>: USB VID Higher Byte (factory default: 0x04(hex))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com