Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25GFM080QL Datasheet(PDF) 10 Page - AMIC Technology

Part # A25GFM080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFM080QL Datasheet(HTML) 10 Page - AMIC Technology

Back Button A25GFM080QL Datasheet HTML 6Page - AMIC Technology A25GFM080QL Datasheet HTML 7Page - AMIC Technology A25GFM080QL Datasheet HTML 8Page - AMIC Technology A25GFM080QL Datasheet HTML 9Page - AMIC Technology A25GFM080QL Datasheet HTML 10Page - AMIC Technology A25GFM080QL Datasheet HTML 11Page - AMIC Technology A25GFM080QL Datasheet HTML 12Page - AMIC Technology A25GFM080QL Datasheet HTML 13Page - AMIC Technology A25GFM080QL Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
9
AMIC Technology Corp.
MEMORY ORGANIZATION
The memory is organized as:
1,048,576 bytes (8 bits each)
16 blocks (64 Kbytes each)
256 sectors (4 Kbytes each)
4096 pages (256 bytes each)
64 bytes OTP located outside the main memory array
Each page can be individually programmed (bits are
programmed from 1 to 0). The device is Sector, Block, or Chip
Erasable (bits are erased from 0 to 1) but not Page Erasable.
Table 2. Memory Organization
A25LQ080 Address Table
Block
Sector
Address range
255
FF000h
FFFFFh
15
240
F0000h
F0FFFh
239
EF000h
EFFFFh
14
224
E0000h
E0FFFh
223
DF000h
DFFFFh
13
208
D0000h
D0FFFh
207
CF000h
CFFFFh
12
192
C0000h
C0FFFh
191
BF000h
BFFFFh
11
176
B0000h
B0FFFh
175
AF000h
AFFFFh
10
160
A0000h
A0FFFh
159
9F000h
9FFFFh
9
144
90000h
90FFFh
143
8F000h
8FFFFh
8
128
80000h
80FFFh
127
7F000h
7FFFFh
7
112
70000h
70FFFh
Block
Sector
Address range
111
6F000h
6FFFFh
6
96
60000h
60FFFh
95
5F000h
5FFFFh
5
80
50000h
50FFFh
79
4F000h
4FFFFh
4
64
40000h
40FFFh
63
3F000h
3FFFFh
3
48
30000h
30FFFh
47
2F000h
2FFFFh
2
32
20000h
20FFFh
31
1F000h
1FFFFh
1
16
10000h
10FFFh
15
0F000h
0FFFFh
4
04000h
04FFFh
3
03000h
03FFFh
2
02000h
02FFFh
1
01000h
01FFFh
0
0
00000h
00FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com