Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25GFM080QL Datasheet(PDF) 23 Page - AMIC Technology

Part # A25GFM080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFM080QL Datasheet(HTML) 23 Page - AMIC Technology

Back Button A25GFM080QL Datasheet HTML 19Page - AMIC Technology A25GFM080QL Datasheet HTML 20Page - AMIC Technology A25GFM080QL Datasheet HTML 21Page - AMIC Technology A25GFM080QL Datasheet HTML 22Page - AMIC Technology A25GFM080QL Datasheet HTML 23Page - AMIC Technology A25GFM080QL Datasheet HTML 24Page - AMIC Technology A25GFM080QL Datasheet HTML 25Page - AMIC Technology A25GFM080QL Datasheet HTML 26Page - AMIC Technology A25GFM080QL Datasheet HTML 27Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
22
AMIC Technology Corp.
Read Data Bytes at Higher Speed by Quad Input and Quad Output (FAST_READ_QUAD_INPUT_OUTPUT)
The
FAST_READ_QUAD_INPUT_OUTPUT
(EBh)
instruction is similar to the FAST_READ (0Bh) instruction
except the data is input and output on four pins (IO3, IO2, IO1,
IO0) instead of just DO. This allows data to be transferred
from the A25LQ080 at quadruple the rate of standard SPI
devices. The Quad Enable bit (QE) of Status Register-2 must
be set to enable the FAST_READ_QUAD_INPUT_OUTPUT
Instruction.
Similar
to
the
FAST_READ
instruction,
the
FAST_READ_QUAD_INPUT_OUTPUT
instruction
can
operate at the highest possible frequency of fC (See AC
Characteristics).
Figure 12. FAST_READ_QUAD_INPUT_OUTPUT Instruction and Data-Out Sequence
Instruction (EBh)
810
9
0
1
234
5
6
7
20 16 12 8 40
4
S
C
IO0
IO1
11 12 13 14 15 16 17 18 19 20 21 22 23
4 04 0
21 17 13 9 51
5
5 15 1
22 18 14 10 62
6
6 26 2
23 19 15 11 73
7
7 37 3
A23-16 A15-8 A7-0 Dummy Dummy Dummy Data out 1 Data out 2
IO Switches from
Input to Output
IO2
IO3
Note: Address bits A23 to A20 are Don’t Care, for A25LQ080.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com