Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25GFM080QL Datasheet(PDF) 17 Page - AMIC Technology

Part # A25GFM080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFM080QL Datasheet(HTML) 17 Page - AMIC Technology

Back Button A25GFM080QL Datasheet HTML 13Page - AMIC Technology A25GFM080QL Datasheet HTML 14Page - AMIC Technology A25GFM080QL Datasheet HTML 15Page - AMIC Technology A25GFM080QL Datasheet HTML 16Page - AMIC Technology A25GFM080QL Datasheet HTML 17Page - AMIC Technology A25GFM080QL Datasheet HTML 18Page - AMIC Technology A25GFM080QL Datasheet HTML 19Page - AMIC Technology A25GFM080QL Datasheet HTML 20Page - AMIC Technology A25GFM080QL Datasheet HTML 21Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
16
AMIC Technology Corp.
Write Status Register (WRSR)
The Write Status Register (WRSR) instruction allows new
values to be written to the Status Register. Before it can be
accepted, a Write Enable (WREN) instruction must
previously have been executed. After the Write Enable
(WREN) instruction has been decoded and executed, the
device sets the Write Enable Latch (WEL).
The Write Status Register (WRSR) instruction is entered by
driving Chip Select ( S ) Low, followed by the instruction
code and the data byte on Serial Data Input (DI).
The instruction sequence is shown in Figure 6. Only
non-volatile Status Register bits SRP0, SEC, TB, BP2, BP1,
BP0 (bits 7, 6, 5, 4, 3, 2 of Status Register-1) and CMP,
APT, QE (bits 14, 10 and 9 of Status Register-2) can be
written. All other Status Register bits are always read as ‘0’
and will not be affected by the Write Status Register
instruction.
Chip Select ( S ) must be driven High after the eighth or
sixteenth bit of the data byte has been latched in. If not, the
Write Status Register (WRSR) instruction is not executed.
If Chip Select (
S ) is driven high after the eighth clock the
CMP and QE bits will be cleared to 0.
As soon as Chip Select ( S ) is driven High, the self-timed
Write Status Register cycle (whose duration is tW) is initiated.
While the Write Status Register cycle is in progress, the
Status Register may still be read to check the value of the
Write In Progress (WIP) bit. The Write In Progress (WIP) bit
is 1 during the self-timed Write Status Register cycle, and is
0 when it is completed. When the cycle is completed, the
Write Enable Latch (WEL) is reset.
The Write Status Register (WRSR) instruction allows the
user to change the values of the Block Protect (APT, CMP,
SEC, TB, BP2, BP1, BP0) bits, to define the size of the area
that is to be treated as read-only, as defined in Table 1. The
Write Status Register (WRSR) instruction also allows the
user to set the Status Register Protect (SRP0) bit. Those
bits are used in conjunction with the Write Protect (
W ) pin
to disable writes to the Status Register. Factory default for
all Status Register bits are 0.
Figure 6. Write Status Register (WRSR) Instruction Sequence
8
9
2
3
4
5
6
7
810
911 12 13 14 15
MSB
High Impedance
Instruction (01h)
01 2 3 4 5 6 7
0
1
S
16 17 18 19 20 21 22 23
Status Register In
C
15 14 13 12 11 10
DI
DO
Table 5. Protection Modes
SRP0
W
Status Register
Description
0
X
Software Protection
Status Register is Writable (if the WREN instruction has set the WEL
bit). The values in the CMP, APT, SRP0, SEC, TB, BP2, BP1, BP0
bits can be changed.
1
0
Hardware Protection
Status Register is hardware write protected. The values in the CMP,
APT, SRP0, SEC, TB, BP2, BP1, BP0 bits cannot be changed.
1
1
Software Protection
When
W pin is high. Status Register is Writable (if the WREN
instruction has set the WEL bit). The values in the CMP, APT,
SRP0, SEC, TB, BP2, BP1, BP0 bits can be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com