Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25GFM080QL Datasheet(PDF) 43 Page - AMIC Technology

Part # A25GFM080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFM080QL Datasheet(HTML) 43 Page - AMIC Technology

Back Button A25GFM080QL Datasheet HTML 39Page - AMIC Technology A25GFM080QL Datasheet HTML 40Page - AMIC Technology A25GFM080QL Datasheet HTML 41Page - AMIC Technology A25GFM080QL Datasheet HTML 42Page - AMIC Technology A25GFM080QL Datasheet HTML 43Page - AMIC Technology A25GFM080QL Datasheet HTML 44Page - AMIC Technology A25GFM080QL Datasheet HTML 45Page - AMIC Technology A25GFM080QL Datasheet HTML 46Page - AMIC Technology A25GFM080QL Datasheet HTML 47Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
42
AMIC Technology Corp.
Parameter ID (0)
Description
Address(h)
(Byte Mode)
Address (Bit)
Data
Comment
Block/Sector Erase Sizes
01:00
01
00= reserved
01=4KB erase
10= reserved
11=64KB erase
Write Granularity
02
1
0=1Byte 1=64Byte
Write Enable Command Required for
Writing to Volatile Status Register
03
0
Write Enable Opcode Select for Writing
to Volatile Status Register
04
0
Unused
10h
07:05
7h
Reserved
4Kilo Byte Erase Opcode
11h
15:08
20h
4KB Erase Support
(FFh=not supported)
Supports Single Input Address Dual
Output Fast read
16
1
0=not supported
1=support
Number of bytes used in addressing for
flash array read, write and erase
18:17
00
00=3 byte
01=3 byte or 4byte
10= 4-byte only
11= reserved
Supports Dual Transfer Rate Clocking
19
0
0=not supported
1=support
Supports Dual Input Address Dual
Output Fast read
20
1
0=not supported
1=support
Supports Quad Input Address Quad
Output Fast read
21
1
0=not supported
1=support
Supports Single Input Address Quad
Output Fast read
22
1
0=not supported
1=support
12h
23
1
Unused
13h
31:24
FFh
Reserved
Flash Size in bits
17h to 14h
31:00
007FFFFFh
8Mb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com