Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25GFM080QL Datasheet(PDF) 44 Page - AMIC Technology

Part # A25GFM080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFM080QL Datasheet(HTML) 44 Page - AMIC Technology

Back Button A25GFM080QL Datasheet HTML 40Page - AMIC Technology A25GFM080QL Datasheet HTML 41Page - AMIC Technology A25GFM080QL Datasheet HTML 42Page - AMIC Technology A25GFM080QL Datasheet HTML 43Page - AMIC Technology A25GFM080QL Datasheet HTML 44Page - AMIC Technology A25GFM080QL Datasheet HTML 45Page - AMIC Technology A25GFM080QL Datasheet HTML 46Page - AMIC Technology A25GFM080QL Datasheet HTML 47Page - AMIC Technology A25GFM080QL Datasheet HTML 48Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
43
AMIC Technology Corp.
Parameter ID (0) (Continued)
Description
Address(h)
(Byte Mode)
Address (Bit)
Data
Comment
Quad Input Address Quad Output Fast
Read Number of Wait States(dummy
bits) needed before valid output
04:00
00110
Quad Input Address Quad Output Fast
Read Number of Mode Bits
18h
07:05
000
This filed should be
counted in clocks.
Quad Input Address Quad Output Fast
Read Opcode
19h
15:08
EBh
Single Input Address Quad Output Fast
Read Number of Wait States(dummy
bits) needed before valid output
20:16
01000
Single Input Address Quad Output Fast
Read Number of Mode Bits
1Ah
23:21
000
This filed should be
counted in clocks.
Single Input Address Quad Output Fast
Read Opcode
1Bh
31:24
6Bh
Single Input Address Dual Output Fast
Read Number of Wait States(dummy
bits) needed before valid output
04:00
01000
Single Input Address Dual Output Fast
Read Number of Mode Bits
1Ch
07:05
000
This filed should be
counted in clocks.
Single Input Address Dual Output Fast
Read Opcode
1Dh
15:08
3Bh
Dual Input Address Dual Output Fast
Read Number of Wait States(dummy
bits) needed before valid output
20:16
00100
Dual Input Address Dual Output Fast
Read Number of Mode Bits
1Eh
23:21
000
This filed should be
counted in clocks.
Dual Input Address Dual Output Fast
Read Opcode
1Fh
31:24
BBh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com