Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25GFM080QL Datasheet(PDF) 49 Page - AMIC Technology

Part # A25GFM080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFM080QL Datasheet(HTML) 49 Page - AMIC Technology

Back Button A25GFM080QL Datasheet HTML 45Page - AMIC Technology A25GFM080QL Datasheet HTML 46Page - AMIC Technology A25GFM080QL Datasheet HTML 47Page - AMIC Technology A25GFM080QL Datasheet HTML 48Page - AMIC Technology A25GFM080QL Datasheet HTML 49Page - AMIC Technology A25GFM080QL Datasheet HTML 50Page - AMIC Technology A25GFM080QL Datasheet HTML 51Page - AMIC Technology A25GFM080QL Datasheet HTML 52Page - AMIC Technology A25GFM080QL Datasheet HTML 53Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
48
AMIC Technology Corp.
Table 13. DC Characteristics
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
± 2
µA
ILO
Output Leakage Current
± 2
µA
ICC1
Standby Current
S = V
CC, VIN = VSS or VCC
1
15
µA
ICC2
Deep Power-down Current
S = V
CC, VIN = VSS or VCC
1
15
µA
C= 0.1VCC / 0.9.VCC at 100MHz, DO = open
24
mA
C= 0.1VCC / 0.9.VCC at 50MHz, DO = open
21
mA
Operating Current (Read)
C= 0.1VCC / 0.9.VCC at 33MHz, DO = open
17
mA
Operating Current (Dual Read)
C= 0.1VCC / 0.9.VCC at 100MHz, IO0, IO1 = open
26
mA
ICC3
Operating Current (Quad Read)
C= 0.1VCC / 0.9.VCC at 100MHz, IO0 ~ IO3 = open
28
mA
ICC4
Operating Current (PP)
S = V
CC
15
mA
ICC5
Operating Current (WRSR)
S = V
CC
12
mA
ICC6
Operating Current (SE)
S = V
CC
25
mA
ICC7
Operating Current (BE)
S = V
CC
25
mA
VIL
Input Low Voltage
–0.5
0.3VCC
V
VIH
Input High Voltage
0.7VCC
VCC+0.4
V
VOL
Output Low Voltage
IOL = 1.6mA
0.4
V
VOH
Output High Voltage
IOH = –100µA
VCC–0.2
V
Note: 1. This is preliminary data at 85°C
Table 14. AC Measurement Conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load Capacitance
30
pF
Input Rise and Fall Times
5
ns
Input Pulse Voltages
0.2VCC to 0.8VCC
V
Input Timing Reference Voltages
0.3VCC to 0.7VCC
V
Output Timing Reference Voltages
VCC / 2
V
Note: Output Hi-Z is defined as the point where data out is no longer driven.
Figure 32. AC Measurement I/O Waveform
0.3V
CC
0.5V
CC
0.2V
CC
0.7V
CC
0.8V
CC
Input Levels
Input and Output
Timing Reference Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com