Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25GFM080QL Datasheet(PDF) 46 Page - AMIC Technology

Part # A25GFM080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFM080QL Datasheet(HTML) 46 Page - AMIC Technology

Back Button A25GFM080QL Datasheet HTML 42Page - AMIC Technology A25GFM080QL Datasheet HTML 43Page - AMIC Technology A25GFM080QL Datasheet HTML 44Page - AMIC Technology A25GFM080QL Datasheet HTML 45Page - AMIC Technology A25GFM080QL Datasheet HTML 46Page - AMIC Technology A25GFM080QL Datasheet HTML 47Page - AMIC Technology A25GFM080QL Datasheet HTML 48Page - AMIC Technology A25GFM080QL Datasheet HTML 49Page - AMIC Technology A25GFM080QL Datasheet HTML 50Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
45
AMIC Technology Corp.
POWER-UP AND POWER-DOWN
At Power-up and Power-down, the device must not be
selected (that is Chip Select ( S ) must follow the voltage
applied on VCC) until VCC reaches the correct value:
­
VCC (min) at Power-up, and then for a further delay of tVSL
­
VSS at Power-down
Usually a simple pull-up resistor on Chip Select ( S ) can be
used to insure safe and proper Power-up and Power-down.
To avoid data corruption and inadvertent write operations
during power up, a Power On Reset (POR) circuit is included.
The logic inside the device is held reset while VCC is less than
the POR threshold value, VWI – all operations are disabled,
and the device does not respond to any instruction.
Moreover, the device ignores all Write Enable (WREN),
Program OTP (POTP), Page Program (PP), Dual Input Fast
Program (DIFP), Quad Input Fast Program (QIFP), Sector
Erase (SE), Block Erase (BE), Chip Erase (CE) and Write
Status Register (WRSR) instructions until a time delay of tPUW
has elapsed after the moment that VCC rises above the VWI
threshold. However, the correct operation of the device is not
guaranteed if, by this time, VCC is still below VCC(min). No
Write Status Register, Program or Erase instructions should
be sent until the later of:
­
tPUW after VCC passed the VWI threshold
- tVSL afterVCC passed the VCC(min) level
These values are specified in Table 9.
If the delay, tVSL, has elapsed, after VCC has risen above
VCC(min), the device can be selected for Read instructions
even if the tPUW delay is not yet fully elapsed.
At Power-up, the device is in the following state:
­
The device is in the Standby mode (not the Deep
Power-down mode).
­
The Write Enable Latch (WEL) bit is reset.
Normal precautions must be taken for supply rail decoupling,
to stabilize the VCC feed. Each device in a system should
have the VCC rail decoupled by a suitable capacitor close to
the package pins. (Generally, this capacitor is of the order of
0.1µF).
At Power-down, when VCC drops from the operating voltage,
to below the POR threshold value, VWI, all operations are
disabled and the device does not respond to any instruction.
(The designer needs to be aware that if a Power-down occurs
while a Write, Program or Erase cycle is in progress, some
data corruption can result.)
Figure 31. Power-up Timing
time
V
CC
V
CC(max)
V
CC(min)
t
PUW
Full Device Access
V
WI
t
VSL
Read
Access
allowed
Reset
State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com