Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25GFM080QL Datasheet(PDF) 42 Page - AMIC Technology

Part # A25GFM080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFM080QL Datasheet(HTML) 42 Page - AMIC Technology

Back Button A25GFM080QL Datasheet HTML 38Page - AMIC Technology A25GFM080QL Datasheet HTML 39Page - AMIC Technology A25GFM080QL Datasheet HTML 40Page - AMIC Technology A25GFM080QL Datasheet HTML 41Page - AMIC Technology A25GFM080QL Datasheet HTML 42Page - AMIC Technology A25GFM080QL Datasheet HTML 43Page - AMIC Technology A25GFM080QL Datasheet HTML 44Page - AMIC Technology A25GFM080QL Datasheet HTML 45Page - AMIC Technology A25GFM080QL Datasheet HTML 46Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
41
AMIC Technology Corp.
Table 9. SFDP Definition table
Description
Address(h)
(Byte Mode)
Address (Bit)
Data
Comment
00h
7:0
53h
01h
15:8
46h
02h
23:16
44h
SPI Flash Discoverability Parameters (SFDP)
Signature
03h
31:24
50h
Hex: 50444653
Minor Revision
04h
7:0
00h
Start from 0x00
SFDP
Revision
Major Revision
05h
15:8
01h
Start from 0x01
Number of Parameter Header
06h
23:16
00h
Reserved
07h
31:24
FFh
Reserved
Parameter ID(0)
08h
7:0
00h
Parameter Minor Revision
09h
15:8
00h
Start from 0x00
Parameter Major Revision
0Ah
23:16
01h
Start from 0x01
Parameter Length (in DW)
0Bh
31:24
09h
Parameter Table Pointer
0Eh:0Ch
23:00
000010h
Reserved
0Fh
31:24
FFh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com