Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25GFM080QL Datasheet(PDF) 35 Page - AMIC Technology

Part # A25GFM080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFM080QL Datasheet(HTML) 35 Page - AMIC Technology

Back Button A25GFM080QL Datasheet HTML 31Page - AMIC Technology A25GFM080QL Datasheet HTML 32Page - AMIC Technology A25GFM080QL Datasheet HTML 33Page - AMIC Technology A25GFM080QL Datasheet HTML 34Page - AMIC Technology A25GFM080QL Datasheet HTML 35Page - AMIC Technology A25GFM080QL Datasheet HTML 36Page - AMIC Technology A25GFM080QL Datasheet HTML 37Page - AMIC Technology A25GFM080QL Datasheet HTML 38Page - AMIC Technology A25GFM080QL Datasheet HTML 39Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
34
AMIC Technology Corp.
Read Electronic Manufacturer ID & Device ID (REMS)
The Read Electronic Manufacturer ID & Device ID (REMS)
instruction allows the 8-bit manufacturer identification code to
be read, followed by one byte of device identification. The
manufacturer identification is assigned by JEDEC, and has
the value 37h for AMIC. The device identification is assigned
by the device manufacturer, and has the value 13h for
A25LQ080.
Any Read Electronic Manufacturer ID & Device ID (REMS)
instruction while an Erase, or Program cycle is in progress, is
not decoded, and has no effect on the cycle that is in
progress.
The device is first selected by driving Chip Select ( S ) Low.
The 8-bit instruction code is followed by 2 dummy bytes and
one byte address (A7~A0), each bit being latched-in on Serial
Data Input (DI) during the rising edge of Serial Clock (C).
If the one-byte address is set to 01h, then the device ID will
be read first and then followed by the Manufacturer ID. On
the other hand, if the one-byte address is set to 00h, then the
Manufacturer ID will be read first and then followed by the
device ID.
The instruction sequence is shown in Figure 24. The Read
Electronic Manufacturer ID & Device ID (REMS) instruction is
terminated by driving Chip Select ( S ) High at any time during
data output.
When Chip Select ( S ) is driven High, the device is put in the
Stand-by Power mode. Once in the Stand-by Power mode,
the device waits to be selected, so that it can receive, decode
and execute instructions.
Table 7. Read Electronic Manufacturer ID & Device ID (REMS) Data-Out Sequence
Manufacture Identification
Device Identification
37h
13h (A25LQ080)
Figure 24. Read Electronic Manufacturer ID & Device ID (REMS) Instruction Sequence and Data-Out Sequence
Instruction (90h)
High Impedance
MSB
810
9
01 2 3 4 5 6 7
2 Dummy Bytes
20 21 22 23
15 14 13
3 21 0
Manufacturer ID
0
S
C
DI
DO
S
C
DI
DO
24 25 26 27 28 29 30 31
65 4
1
7
3
32 33 34 35 36 37 38 39
20
ADD(1)
MSB
0
MSB
7 6 54 32 1
MSB
7 6 54 32 1 0
40 41 42 43 44 45 46 47
Device ID
Notes:
(1) ADD=00h will output the manufacturer ID first and ADD=01h will output device ID first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com