Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25GFM080QL Datasheet(PDF) 37 Page - AMIC Technology

Part # A25GFM080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFM080QL Datasheet(HTML) 37 Page - AMIC Technology

Back Button A25GFM080QL Datasheet HTML 33Page - AMIC Technology A25GFM080QL Datasheet HTML 34Page - AMIC Technology A25GFM080QL Datasheet HTML 35Page - AMIC Technology A25GFM080QL Datasheet HTML 36Page - AMIC Technology A25GFM080QL Datasheet HTML 37Page - AMIC Technology A25GFM080QL Datasheet HTML 38Page - AMIC Technology A25GFM080QL Datasheet HTML 39Page - AMIC Technology A25GFM080QL Datasheet HTML 40Page - AMIC Technology A25GFM080QL Datasheet HTML 41Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
36
AMIC Technology Corp.
Figure 26. Release from Deep Power-down (RES) Instruction Sequence
S
C
DI
1 2 3 45 6 7
0
Instruction (ABh)
t
RES1
High Impedance
DO
Stand-by Mode
Deep Power-down Mode
Driving Chip Select ( S ) High after the 8-bit instruction byte
has been received by the device, but before the whole of the
8-bit Electronic Signature has been transmitted for the first
time (as shown in Figure 26.), still insures that the device is
put into Stand-by Power mode. If the device was not pre-
viously in the Deep Power-down mode, the transition to the
Stand-by Power mode is immediate. If the device was
previously in the Deep Power-down mode, though, the
transition to the Stand-by Power mode is delayed by tRES1,
and Chip Select ( S ) must remain High for at least tRES1 (max),
as specified in AC Characteristics Table. Once in the
Stand-by Power mode, the device waits to be selected, so
that it can receive, decode and execute instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com