Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25GFM080QL Datasheet(PDF) 12 Page - AMIC Technology

Part # A25GFM080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFM080QL Datasheet(HTML) 12 Page - AMIC Technology

Back Button A25GFM080QL Datasheet HTML 8Page - AMIC Technology A25GFM080QL Datasheet HTML 9Page - AMIC Technology A25GFM080QL Datasheet HTML 10Page - AMIC Technology A25GFM080QL Datasheet HTML 11Page - AMIC Technology A25GFM080QL Datasheet HTML 12Page - AMIC Technology A25GFM080QL Datasheet HTML 13Page - AMIC Technology A25GFM080QL Datasheet HTML 14Page - AMIC Technology A25GFM080QL Datasheet HTML 15Page - AMIC Technology A25GFM080QL Datasheet HTML 16Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
11
AMIC Technology Corp.
Table 3. Instruction Set
Instruction
Description
One-byte
Instruction Code
Address
Bytes
Dummy
Bytes
Data
Bytes
WREN
Write Enable
0000 0110
06h
0
0
0
WRDI
Write Disable
0000 0100
04h
0
0
0
RDSR-1
Read Status Register-1
0000 0101
05h
0
0
1 to ∞
RDSR-2
Read Status Register-2
0011 0101
35h
0
0
1 to ∞
WRSR
Write Status Register
0000 0001
01h
0
0
2
READ
Read Data Bytes
0000 0011
03h
3
0
1 to ∞
FAST_READ
Read Data Bytes at Higher Speed
0000 1011
0Bh
3
1
1 to ∞
FAST_READ_DUAL
_OUTPUT
Read Data Bytes at Higher Speed
by Dual Output
(1)
0011 1011
3Bh
3
1
1 to ∞
(1)
FAST_READ_DUAL
_INPUT_OUTPUT
Read Data Bytes at Higher Speed
by Dual Input and Dual Output
(1)(2)
1011 1011
BBh
3
(2)
1
(2)
1 to ∞
(1)
FAST_READ_QUAD
_OUTPUT
Read Data Bytes at Higher Speed
by Quad Output
(4)
0110 1011
6Bh
3
1
1 to ∞
(4)
FAST_READ_QUAD
_INPUT_OUTPUT
Read Data Bytes at Higher Speed
by Quad Input and Quad Output
(3)(4)
1110 1011
EBh
3
(3)
1
(3)
1 to ∞
(4)
ROTP
Read OTP (Read 64 bytes of OTP
area)
0100 1011
4Bh or 48h
3
1
1 to ∞
POTP
Program OTP (Program 64 bytes of
OTP area)
0100 0010
42h
3
0
1 to 64
PP
Page Program
0000 0010
02h
3
0
1 to 256
DIFP
Dual Input Fast Program
1010 0010
A2h
3
0
1 to 256
(5)
QIFP
Quad Input Fast Program
0011 0010
32h
3
0
1 to 256
(6)
SE
Sector Erase
0010 0000
20h
3
0
0
BE
Block Erase
1101 1000
D8h or 52h
3
0
0
CE
Chip Erase
1100 0111
C7h or 60h
0
0
0
DP
Deep Power-down
1011 1001
B9h
0
0
0
RDID
Read Device Identification
1001 1111
9Fh
0
0
1 to ∞
REMS
Read Electronic Manufacturer &
Device Identification
1001 0000
90h
1
(7)
2
1 to ∞
Release from Deep Power-down,
and Read Electronic Signature
0
3
1 to ∞
RES
Release from Deep Power-down
1010 1011
ABh
0
0
0
HPM
High Performance Mode
1010 0011
A3h
0
3
0
0111 0101
75h
SUSPEND
Program / Erase Suspend
1011 0000
B0h
0
0
0
0111 1010
7Ah
RESUME
Program / Erase Resume
0011 0000
30h
0
0
0
SFDP
Read SFDP
0101 1010
5Ah
3
1
1 to 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com